Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1431DR4S13 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS1431DR4S13
Description  Precision Adjustable Shunt Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS1431DR4S13 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AS1431DR4S13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1431DR4S13 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ASTEC Semiconductor
AS1431
Precision Adjustable Shunt Reference
Typical Performance Curves
Figure 6
Figure 8
Figure 7
Figure 9
3.0
2.5
2.0
1.5
1.0
0.5
0
–60
–30
0
30
60
90
120
T
A – Ambient Temperature (°C)
Reference Input Current
R1 = 10 k
Ω
R2 =
∞
I
K =10 mA
0
–10
–20
–30
–40
–50
0
3
6
9
V
KA – Cathode Voltage (V)
12
15
18
21
24
27
30
I
K = 10 mA
Temperature Range: –55 to 125
°C
Reference Voltage Line Regulation
125
°C
–55
°C
75
°C
25
°C
0
°C
70
60
50
40
30
20
10
0
10
100
1 k
f – Frequency (Hz)
10 k
100 k
V
KA = VREF
I
K = 10 mA
T
A = 25°C
Noise Voltage
0.150
0.125
0.100
0.075
0.050
0.025
0.0
–60
–30
0
30
T
A – Free Air Temperature
60
90
120
V
KA = VREF
I
KA = 1 to 100 mA
f
≤ 1 kHz
Low Frequency Dynamic Output Impedance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com