Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1431DR4S13 Datasheet (PDF) - List of Unclassifed Manufacturers

AS1431DR4S13 Datasheet PDF - List of Unclassifed Manufacturers
Part # AS1431DR4S13
Download  AS1431DR4S13 Download
File Size   81.47 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Precision Adjustable Shunt Reference

AS1431DR4S13 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1431DR4S13 Datasheet PDF - List of Unclassifed Manufacturers

Part # AS1431DR4S13
Download  AS1431DR4S13 Click to download

File Size   81.47 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Precision Adjustable Shunt Reference

AS1431DR4S13 Datasheet (HTML) - List of Unclassifed Manufacturers


AS1431DR4S13 Product details

[ASTEC]



Description

The AS1431 is a three-terminal adjustable shunt regulator providing a highly accurate 0.4% bandgap reference. The adjustable shunt regulator is ideal for a wide variety of linear applications that can be implemented using external components to obtain adjustable currents and voltages. In the standard shunt configuration, the combination of low temperature coefficient (TC), sharp turn-on characteristics, low output impedance and programmable output voltage make this precision reference a perfect zener diode replacement.

The AS1431 is characterized to operate over the full automotive temperature range of Ð55 to 125¡C and is now available in the SOT-23 (5L) package.



Features

• Temperature-compensated: 30 ppm/°C

• Trimmed 0.4% bandgap reference

• Internal amplifier with 150 mA capability

• Temperature range: Extended to -55 to125°C

• Low frequency dynamic output impedance: < 150 mΩ

• Low output noise

• Robust ESD protection



 




Similar Part No. - AS1431DR4S13

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
AS1419A AUSTIN-AS1419A Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
AS1419AECA-IT AUSTIN-AS1419AECA-IT Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
AS1419AECA-MIL AUSTIN-AS1419AECA-MIL Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
AS1419AECA-SPACE AUSTIN-AS1419AECA-SPACE Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Similar Description - AS1431DR4S13

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
Precision Adjustable Shunt Reference
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
Precision Adjustable Shunt Reference
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com