Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6152FSTSN Datasheet(PDF) 1 Page - MTRONPTI

Part # M6152FSTSN
Description  5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M6152FSTSN Datasheet(HTML) 1 Page - MTRONPTI

  M6152FSTSN Datasheet HTML 1Page - MTRONPTI M6152FSTSN Datasheet HTML 2Page - MTRONPTI M6152FSTSN Datasheet HTML 3Page - MTRONPTI M6152FSTSN Datasheet HTML 4Page - MTRONPTI M6152FSTSN Datasheet HTML 5Page - MTRONPTI M6152FSTSN Datasheet HTML 6Page - MTRONPTI M6152FSTSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
M615x Series
5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave,
Precision TCXO/TCVCXO
Product Features
Product Description
Product Ordering Information
Features
Stratum 3 Performance with 0.34 ppm (pk-pk) Holdover Stability Over
•
Industrial Temperature Range (-40 °C to +85 °C)
3.0 V, 3.3 V and 5.0 V Options
•
Low Phase Noise and Excellent G-Sens Performance (1.5 ppb/g)
•
Tristate Function Available
•
Available in Clipped Sine Wave or HCMOS
•
Applications
Synchronous Ethernet Slave Clocks ITU-T G.8262 EEC Options 1 & 2
•
Compliant to Stratum 3 GR-1244-Core & GR-253-Core
•
SONET/SDH Network Timing
•
Wireless Communications
•
Ordering Information
M6151
2
S
T
S
N
00.0000
MHz
Product Series
M6150 = 5.0 V
M6151 = 3.3 V
M6152 = 3.0 V
Temperature Range
1: 0 °C to +70 °C
8: 0 °C to +50 °C
2: -40 °C to +85 °C
F: -30 °C to +75 °C
6: -20 °C to +70 °C
Stability
S: ±4.6 ppm w/Holdover
Output Type
T: Voltage Controlled With Tristate
F: No Voltage Control With Tristate
Output Waveform
C: HCMOS
S: Clipped Sine Wave
Package/Lead Configurations
N: Leadless Ceramic (10 pads)
Frequency (customer specified)
M615xSxxx - Custom datasheets.
MtronPTI’s M615x Series TCXO and TCVCXO provide network and wireless engineers with low voltage, surface mount
products with extremely tight stability over temperature and time. MtronPTI’s unique approach to crystal compensation
enables these devices to achieve full Stratum 3 compliance, including holdover stability over the industrial temperature
range (-40 °C to +85 °C). Specially processed crystals enable the M615x to achieve consistent long-term stability and
minimalfrequencyshiftafterreflow.Thisprocessingalsoachievesexcellentg-sensitivity(1.5ppb/g).Thelowphase
noise (-155 dBc/Hz at 100 kHz offset) makes the M615x ideal for the design engineer working on all types of systems as
the reference timing source.
Rev: 07/17/2013


Similar Part No. - M6152FSTSN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
M61522FP RENESAS-M61522FP Datasheet
230Kb / 18P
8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
M61523FP RENESAS-M61523FP Datasheet
429Kb / 24P
Electronic Volume with Scf Type Tone Control To 6 Speakers
logo
Hitachi Semiconductor
M61524FP HITACHI-M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
More results

Similar Description - M6152FSTSN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
MTRONPTI
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61801MTCN MTRONPTI-M61801MTCN Datasheet
1Mb / 7P
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M60531HSN MTRONPTI-M60531HSN Datasheet
836Kb / 2P
3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com