Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3401SE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3401SE
Description  6-Bit, 3-Port Bus Exchange Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3401SE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3401SE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3401SE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3401SE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3401SE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3401SE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS7020D
09/16/04
Truth Table(1)
Function
S0
S1 A0–5 B0–5
C0–5
Disconnect
H
H
Hi-Z
Hi-Z
Hi-Z
Connect A-B
L
L
B0–5 A0–5
Hi-Z
Connect B-C
H
L
Hi-Z C0–5
B0–5
Connect C-A
L
H
C0–5 Hi-Z
A0–5
Features:
• Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.2µA Typical)
– Ideally suited for notebook applications
• Packaging (Pb-free & Green available):
24-pin 150-mil wide plastic QSOP (Q)
24-pin 300-mil wide plastic SOIC (S)
Pin Configuration
Pin Description
Pin Name
Description
S0, S1
Bus Direction
A0–5
Bus A
B0–5
Bus B
C0–5
Bus C
NC
No Connect
GND
Ground
VCC
Power
PI5C3401
6-Bit, 3-Port Bus Exchange Switch
Block Diagram
Description:
Pericom Semiconductor’s PI5C3401 is a 6-bit, 3-port bus exchange
switchdesignedwithalowOn-Resistance(5Ω)allowinginputstobe
connected directly to outputs. The bus switch creates no additional
propagation delay or additional ground bounce noise. The switches
are turned OFF by S0 = H and S1 = H. The A bus can be connected
to B bus by S0 =L and S1 = L. The B bus can be connected to C
bus by S0 = H and S1=L. The C bus can be connected to A bus by
S0 = L and S1 = H.
Note:
1. H = High Voltage Level, L = Low Voltage Level,
Hi-Z = High Impedance
B0
A0
C0
B5
A5
C5
DECODER
S0
S1


Similar Part No. - PI5C3401SE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3400 PERICOM-PI5C3400 Datasheet
56Kb / 3P
4-Bit, 4-Port Bus Exchange Switch
More results

Similar Description - PI5C3401SE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
20-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI5C3383 PERICOM-PI5C3383 Datasheet
399Kb / 5P
5-Bit, 4-Port Bus Exchange Switch
logo
ON Semiconductor
74FST3400 ONSEMI-74FST3400 Datasheet
96Kb / 8P
4-Bit, 4-Port Bus Exchange Switch
January, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI5C3400 PERICOM-PI5C3400 Datasheet
56Kb / 3P
4-Bit, 4-Port Bus Exchange Switch
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
2-Bit Bus Exchange Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com