Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2300 Datasheet(PDF) 2 Page - Micro Electronics

Part # D2300
Description  1.3 m D2300-Type Laser Isolated DFB Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

D2300 Datasheet(HTML) 2 Page - Micro Electronics

  D2300 Datasheet HTML 1Page - Micro Electronics D2300 Datasheet HTML 2Page - Micro Electronics D2300 Datasheet HTML 3Page - Micro Electronics D2300 Datasheet HTML 4Page - Micro Electronics D2300 Datasheet HTML 5Page - Micro Electronics D2300 Datasheet HTML 6Page - Micro Electronics D2300 Datasheet HTML 7Page - Micro Electronics D2300 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2
Lucent Technologies Inc.
Data Sheet
February 2000
Isolated DFB Laser Module
1.3
µm D2300-Type Digital
Description
The D2300-Type Digital Isolated DFB Laser Module
contains an internally cooled, InGaAsP, distributed-
feedback (DFB) laser designed for 1.3
µm applications.
The laser is designed to be used in OC-12/STM-4 (622
Mbits/s) and OC-48/STM-16 (2.488 Gbits/s) for long-
reach and extended-reach applications.
The device is available with an average output power of
0 dBm (3 dBm peak), which meets the SONET/SDH
standard.
Controlled Feedback
The module contains an internal optical isolator that
suppresses optical feedback in laser-based, fiber-optic
systems. Light reflected back to the laser is attenuated
a minimum of 30 dB.
Controlled Temperature
An integral thermoelectric cooler (TEC) provides stable
thermal characteristics. The TEC allows for heating and
cooling of the laser chip to maintain a temperature of
25
°C for case temperatures from –40 °C to +80 °C.
The laser temperature is monitored by the internal ther-
mistor, which can be used with external circuitry to con-
trol the laser chip temperature.
Controlled Power
An internal, InGaAs, PIN photodiode functions as the
back-facet monitor. The photodiode monitors emission
from the rear facet of the laser and, when used in con-
junction with control circuitry, can control optical power
launched into the fiber. Normally, this configuration is
used in a feedback arrangement to maintain the aver-
age laser output power.
Standard Package
The laser module is fabricated in a 14-pin, hermetic,
metal/ceramic butterfly package. The package also
incorporates a bias tee that separates the dc-bias path
from the RF input. The RF input has a nominal 25
impedance. The laser module is equipped with a sin-
gle-mode fiber. The pigtail has an 8
µm core and
125
µm cladding with a 900 µm tight buffer coating.
Lucent Technologies Microelectronics Group optoelec-
tronic components are qualified to rigorous internal
standards that are consistent with
Telcordia Technolo-
gies TR-NWT-000468. All design and manufacturing
operations are
ISO * 9001 certified. The module is fully
qualified for central office applications.
*
ISO is a registered trademark of The International Organization for
Standardization.
Pin Information
* A positive current through the thermoelectric heat pump cools the
laser.
† Both leads should be grounded for optimum performance.
Top view.
Figure 1. Circuit Schematic
Pin
Name
1
Thermistor
2
Thermistor
3
Laser dc Bias (cathode) (–)
4
Back-facet Monitor Anode (–)
5
Back-facet Monitor Cathode (+)
6
Thermoelectric Cooler (+)*
7
Thermoelectric Cooler (–)*
8
Case Ground
9
Case Ground
10
Case Ground
11
Laser Anode(+)
12
RF Laser Input Cathode (–)
13
Laser Anode(+)
14
Case Ground
1-567
TEC
L1
160 nH
ISOLATOR
R1
20
PACKAGE
GROUNDS
–+
+
+–
+
76
5
4
3
2
1
8
9
10
11
12
13
TH
10 k
14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com