Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2300 Datasheet(PDF) 1 Page - Micro Electronics

Part # D2300
Description  1.3 m D2300-Type Laser Isolated DFB Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

D2300 Datasheet(HTML) 1 Page - Micro Electronics

  D2300 Datasheet HTML 1Page - Micro Electronics D2300 Datasheet HTML 2Page - Micro Electronics D2300 Datasheet HTML 3Page - Micro Electronics D2300 Datasheet HTML 4Page - Micro Electronics D2300 Datasheet HTML 5Page - Micro Electronics D2300 Datasheet HTML 6Page - Micro Electronics D2300 Datasheet HTML 7Page - Micro Electronics D2300 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
February 2000
1.3
µm D2300-Type Laser
Isolated DFB Laser Module
The 1.3
µm D2300-Type Laser Module is offered in a 14-pin,
hermetic, butterfly package.
Features
s
Integrated optical isolator
s
SONET/SDH compatible up to OC-48/STM-16
s
High-performance, distributed-feedback (DFB)
laser
s
High optical power available
s
Industry-standard, 14-pin butterfly package
s
Characterized at 2.488 Gbits/s (NRZ)
s
Wide operating case temperature range:
–40
°C to +80 °C
s
InGaAs, PIN photodetector back-facet monitor
s
Low threshold current
s
High reliability
s
Qualified to meet the intent of
Telcordia Technolo-
gies * 468
*
Telcordia Technologies is a trademark of Bell Communications
Research, Inc.
Applications
s
Telecommunications:
— SONET/SDH
— Long reach
— Interexchange
s
Digital video
D2300


Similar Part No. - D2300

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2300 AGERE-D2300 Datasheet
265Kb / 8P
1.3 mm D2300-Type Laser Isolated DFB Laser Module
February 2000
logo
TT Electronics.
D2300-E24-BAPB TTELEC-D2300-E24-BAPB Datasheet
546Kb / 3P
SOT23 Surface Mount Voltage Divider
D2300-E24-BBPB TTELEC-D2300-E24-BBPB Datasheet
546Kb / 3P
SOT23 Surface Mount Voltage Divider
D2300-E24-BCPB TTELEC-D2300-E24-BCPB Datasheet
546Kb / 3P
SOT23 Surface Mount Voltage Divider
D2300-E24-BDPB TTELEC-D2300-E24-BDPB Datasheet
546Kb / 3P
SOT23 Surface Mount Voltage Divider
More results

Similar Description - D2300

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
1.3 關m Laser-Diode DIP Module
OL392L OKI-OL392L Datasheet
46Kb / 4P
1.3 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
1.55 關m Coaxial DFB Laser Module
logo
Agere Systems
A371 AGERE-A371 Datasheet
168Kb / 8P
A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
January 1999
D2300 AGERE-D2300 Datasheet
265Kb / 8P
1.3 mm D2300-Type Laser Isolated DFB Laser Module
February 2000
D2500 AGERE-D2500 Datasheet
267Kb / 8P
1.5 m m D2500-Type Digital Isolated DFB Laser Module
February 2000
D571 AGERE-D571 Datasheet
200Kb / 8P
D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
April 2000
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
CWDM DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
Microwave DFB Laser Microwave DFB Laser
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com