Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2300 Datasheet(PDF) 5 Page - Micro Electronics

Part # D2300
Description  1.3 m D2300-Type Laser Isolated DFB Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

D2300 Datasheet(HTML) 5 Page - Micro Electronics

  D2300 Datasheet HTML 1Page - Micro Electronics D2300 Datasheet HTML 2Page - Micro Electronics D2300 Datasheet HTML 3Page - Micro Electronics D2300 Datasheet HTML 4Page - Micro Electronics D2300 Datasheet HTML 5Page - Micro Electronics D2300 Datasheet HTML 6Page - Micro Electronics D2300 Datasheet HTML 7Page - Micro Electronics D2300 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Lucent Technologies Inc.
5
Data Sheet
February 2000
Isolated DFB Laser Module
1.3
µm D2300-Type Digital
Outline Diagram
Dimensions are in inches and (millimeters). Tolerances are
±0.005 in. (±0.127 mm).
1-520.g
0.820 (20.83)
0.180 (4.56)
0.700 (17.78)
1.180 (29.97)
HEAT SINK
0.215 (5.45)
0.056 (1.42)
0.030 (0.75)
0 .575 (14.6 1)
2.03 (51.6)
39.37 (1000.00)
MIN
0.10
(2.5)
0.260 (6.60)
0.215
(5.47)
REF
0.365
(9.27)
MAX
0.863 (21.91)
0.036
(0.91)
PIN 1
0.078 (1.98)
0.213 (5.40) TYP
0.100 (2.54) TYP
0.105 (2.67) DIA
TYP (4) PLACES
1.025 (26.04)
0.020 (0.51) TYP
0.508
± 0.008
(12.90
± 0.2)
STRAIN
RELIEF
PIN 14
0.350
(8.89)
0.500
(12.70)
0.605
(15.37)
MAX
TRADEMARK, CODE, LASER SERIAL NUMBER,
AND DATE CODE IN APPROX. AREA SHOWN
0.200
(5.08)
0.10
± 0.002
(0 .25
± 0.064)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com