Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6022IM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6022IM
Description  Low Power CMOS Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6022IM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMC6022IM Datasheet HTML 3Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 9Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 10Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Performance Characteristics V
S = ±7.5V, TA = 25˚C unless otherwise specified (Continued)
Application Hints
AMPLIFIER TOPOLOGY
The topology chosen for the LMC6022 is unconventional
(compared to general-purpose op amps) in that the tradi-
tional unity-gain buffer output stage is not used; instead, the
output is taken directly from the output of the integrator, to al-
low rail-to-rail output swing. Since the buffer traditionally de-
livers the power to the load, while maintaining high op amp
gain and stability, and must withstand shorts to either rail,
these tasks now fall to the integrator.
As a result of these demands, the integrator is a compound
affair with an embedded gain stage that is doubly fed forward
(via C
f and Cff) by a dedicated unity-gain compensation
driver. In addition, the output portion of the integrator is a
push-pull configuration for delivering heavy loads. While
sinking current the whole amplifier path consists of three
gain stages with one stage fed forward, whereas while
sourcing the path contains four gain stages with two fed
forward.
The large signal voltage gain while sourcing is comparable
to traditional bipolar op amps for load resistance of at least 5
k
Ω. The gain while sinking is higher than most CMOS op
amps, due to the additional gain stage; however, when driv-
Non-Inverting Small
Signal Pulse Response
(A
V = +1)
DS011236-45
Inverting Large-Signal
Pulse Response
DS011236-46
Inverting Small-Signal
Pulse Response
DS011236-47
Stability vs Capacitive Load
DS011236-4
Note: Avoid resistive loads of less than 500
Ω, as they may cause
instability.
Stability vs Capacitive Load
DS011236-5
DS011236-6
FIGURE 1. LMC6022 Circuit Topology (Each Amplifier)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com