Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6022IM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6022IM
Description  Low Power CMOS Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6022IM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6022IM Datasheet HTML 1Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 2Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 3Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMC6022
Low Power CMOS Dual Operational Amplifier
General Description
The LMC6022 is a CMOS dual operational amplifier which
can operate from either a single supply or dual supplies. Its
performance features include an input common-mode range
that reaches V
−, low input bias current, and voltage gain (into
100k and 5 k
Ω loads) that is equal to or better than widely
accepted bipolar equivalents, while the power supply re-
quirement is less than 0.5 mW.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LMC6024 datasheet for a CMOS quad operational
amplifier with these same features.
Features
n Specified for 100 k
Ω and5kΩ loads
n High voltage gain:
120 dB
n Low offset voltage drift:
2.5 µV/˚C
n Ultra low input bias current:
40 fA
n Input common-mode range includes V
−
n Operating range from +5V to +15V supply
n Low distortion:
0.01% at 1 kHz
n Slew rate:
0.11 V/µs
n Micropower operation:
0.5 mW
Applications
n High-impedance buffer or preamplifier
n Current-to-voltage converter
n Long-term integrator
n Sample-and-hold circuit
n Peak detector
n Medical instrumentation
n Industrial controls
Connection Diagram
Ordering Information
Temperature Range
Package
NSC
Drawing
Transport
Media
Industrial
−40˚C
≤ T
J ≤ +85˚C
LMC6022IN
8-Pin
N08E
Rail
Molded DIP
LMC6022IM
8-Pin
M08A
Rail
Small Outline
Tape and Reel
8-Pin DIP/SO
DS011236-1
Top View
November 1994
© 1999 National Semiconductor Corporation
DS011236
www.national.com


Similar Part No. - LMC6022IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6022IM TI-LMC6022IM Datasheet
1Mb / 22P
LMC6022 Low Power CMOS Dual Operational Amplifier
LMC6022IM/NOPB TI-LMC6022IM/NOPB Datasheet
1Mb / 22P
LMC6022 Low Power CMOS Dual Operational Amplifier
LMC6022IM/NOPB TI2-LMC6022IM/NOPB Datasheet
872Kb / 25P
LMC6022 Low Power CMOS Dual Operational Amplifier
REVISED MARCH 2013
LMC6022IM/NOPB.A TI2-LMC6022IM/NOPB.A Datasheet
872Kb / 25P
LMC6022 Low Power CMOS Dual Operational Amplifier
REVISED MARCH 2013
LMC6022IM/NOPB.B TI2-LMC6022IM/NOPB.B Datasheet
872Kb / 25P
LMC6022 Low Power CMOS Dual Operational Amplifier
REVISED MARCH 2013
More results

Similar Description - LMC6022IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
Low Power CMOS Operational Amplifier
LPC662 NSC-LPC662 Datasheet
585Kb / 16P
Low Power CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
CMOS Low power dual operational amplifier
logo
Advanced Linear Devices
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
Low Power CMOS Operational Amplifier
LPC662 NSC-LPC662_14 Datasheet
644Kb / 20P
Low Power CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6022IMX TI-LMC6022IMX Datasheet
1Mb / 22P
LMC6022 Low Power CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
CMOS Low power dual operational amplifier
logo
Texas Instruments
LPC662 TI1-LPC662 Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com