Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6022IM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6022IM
Description  Low Power CMOS Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6022IM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC6022IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 9Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 10Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 11Page - National Semiconductor (TI) LMC6022IM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Application Hints (Continued)
ing load resistance of 5 k
Ω or less, the gain will be reduced
as indicated in the Electrical Characteristics. The op amp
can drive load resistance as low as 500
Ω without instability.
COMPENSATING INPUT CAPACITANCE
Refer to the LMC660 or LMC662 datasheets to determine
whether or not a feedback capacitor will be necessary for
compensation and what the value of that capacitor would be.
CAPACITIVE LOAD TOLERANCE
Like many other op amps, the LMC6022 may oscillate when
its applied load appears capacitive. The threshold of oscilla-
tion varies both with load and circuit gain. The configuration
most sensitive to oscillation is a unity-gain follower. See the
Typical Performance Characteristics.
The load capacitance interacts with the op amp’s output re-
sistance to create an additional pole. If this pole frequency is
sufficiently low, it will degrade the op amp’s phase margin so
that the amplifier is no longer stable at low gains. The addi-
tion of a small resistor (50
Ω to 100Ω) in series with the op
amp’s output, and a capacitor (5 pF to 10 pF) from inverting
input to output pins, returns the phase margin to a safe value
without interfering with lower-frequency circuit operation.
Thus, larger values of capacitance can be tolerated without
oscillation. Note that in all cases, the output will ring heavily
when the load capacitance is near the threshold for
oscillation.
Capacitive load driving capability is enhanced by using a pull
up resistor to V
+ (Figure 3). Typically a pull up resistor con-
ducting 50 µA or more will significantly improve capacitive
load responses. The value of the pull up resistor must be de-
termined based on the current sinking capability of the ampli-
fier with respect to the desired output swing. Open loop gain
of the amplifier can also be affected by the pull up resistor
(see Electrical Characteristics).
PRINTED-CIRCUIT-BOARD LAYOUT
FOR HIGH-IMPEDANCE WORK
It is generally recognized that any circuit which must operate
with less than 1000 pA of leakage current requires special
layout of the PC board. When one wishes to take advantage
of the ultra-low bias current of the LMC6022, typically less
than 0.04 pA, it is essential to have an excellent layout. For-
tunately, the techniques for obtaining low leakages are quite
simple. First, the user must not ignore the surface leakage of
the PC board, even though it may sometimes appear accept-
ably low, because under conditions of high humidity or dust
or contamination, the surface leakage will be appreciable.
To minimize the effect of any surface leakage, lay out a ring
of foil completely surrounding the LMC6022’s inputs and the
terminals of capacitors, diodes, conductors, resistors, relay
terminals, etc. connected to the op-amp’s inputs. See
Figure
4. To have a significant effect, guard rings should be placed
on both the top and bottom of the PC board. This PC foil
must then be connected to a voltage which is at the same
voltage as the amplifier inputs, since no leakage current can
flow between two points at the same potential. For example,
a PC board trace-to-pad resistance of 10
12
Ω, which is nor-
mally considered a very large resistance, could leak 5 pA if
the trace were a 5V bus adjacent to the pad of an input. This
would cause a 100 times degradation from the LMC6022’s
actual performance. However, if a guard ring is held within
5 mV of the inputs, then even a resistance of 10
11
Ω would
cause only 0.05 pA of leakage current, or perhaps a minor
(2:1) degradation of the amplifier’s performance. See
Figure
5a, Figure 5b, Figure 5c for typical connections of guard
rings for standard op-amp configurations. If both inputs are
active and at high impedance, the guard can be tied to
ground and still provide some protection; see
Figure 5d.
DS011236-7
FIGURE 2. Rx, Cx Improve Capacitive Load Tolerance
DS011236-26
FIGURE 3. Compensating for Large
Capacitive Loads with a Pull Up Resistor
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com