Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8650EVKA Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX8650EVKA
Description  World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8650EVKA Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX8650EVKA Datasheet HTML 5Page - Semtech Corporation SX8650EVKA Datasheet HTML 6Page - Semtech Corporation SX8650EVKA Datasheet HTML 7Page - Semtech Corporation SX8650EVKA Datasheet HTML 8Page - Semtech Corporation SX8650EVKA Datasheet HTML 9Page - Semtech Corporation SX8650EVKA Datasheet HTML 10Page - Semtech Corporation SX8650EVKA Datasheet HTML 11Page - Semtech Corporation SX8650EVKA Datasheet HTML 12Page - Semtech Corporation SX8650EVKA Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
SX8650
www.semtech.com
Page 9
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
World’s Lowest Power & Smallest Footprint 4-wire
Resistive Touchscreen Controller with 15kV ESD
Revision V2.19/October 2010
©2010 Semtech Corp.
2.4. Host Interface Specifications
Table 3
Host Interface Specifications
Notes:
(i)
All timing specifications refer to voltage levels (VIL, VIH, VOL) defined in Table 3 unless otherwise mentioned.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
I2C TIMING SPECIFICATIONS
(i)
SCL clock frequency
fSCL
0
400
kHz
SCL low period
tLOW
1.3
us
SCL high period
tHIGH
0.6
us
Data setup time
tSU;DAT
100
ns
Data hold time
tHD;DAT
0
ns
Repeated start setup time
tSU;STA
0.6
us
Start condition hold time
tHD;STA
0.6
us
Stop condition setup time
tSU;STO
0.6
us
Bus free time between stop and start
tBUF
1.3
us
Data valid time
tVD;DAT
0.9
us
Data valid ack time
tVD;ACK
0.9
us
Pulse width of spikes that must be
suppressed by the input filter
tSP
50
ns
I2C BUS SPECIFICATIONS
Capacitive Load on each bus line SCL, SDA Cb
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com