Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8650EVKA Datasheet(PDF) 13 Page - Semtech Corporation

Part # SX8650EVKA
Description  World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8650EVKA Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SX8650EVKA Datasheet HTML 9Page - Semtech Corporation SX8650EVKA Datasheet HTML 10Page - Semtech Corporation SX8650EVKA Datasheet HTML 11Page - Semtech Corporation SX8650EVKA Datasheet HTML 12Page - Semtech Corporation SX8650EVKA Datasheet HTML 13Page - Semtech Corporation SX8650EVKA Datasheet HTML 14Page - Semtech Corporation SX8650EVKA Datasheet HTML 15Page - Semtech Corporation SX8650EVKA Datasheet HTML 16Page - Semtech Corporation SX8650EVKA Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
SX8650
www.semtech.com
Page 13
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
World’s Lowest Power & Smallest Footprint 4-wire
Resistive Touchscreen Controller with 15kV ESD
Revision V2.19/October 2010
©2010 Semtech Corp.
3. Functional Description
3.1. General Introduction
This section provides an overview of the SX8650 architecture, device pinout and a typical application.
The SX8650 is designed for 4-wire resistive touch screen applications (Figure 6).The touch screen or touch panel is the
resistive sensor and can be activated by either a finger or stylus. The touch screen coordinates and touch pressure are
converted into I2C format by the SX8650 for transfer to the host.
Figure 6. SX8650 with screen
3.2. Channel Pins
3.2.1. X+, X-, Y+. Y-
The SX8650's channel pins (X+, X-, Y+, Y-) directly
connect to standard touch screen X and Y resistive
layers. The SX8650 separately biases each of these
layers and converts the resistive values into (X,Y)
coordinates.
The channel pins are protected to VDD and GROUND.
Figure 7 shows the simplified diagram of the X+, X-, Y+,
Y- pins.
Figure 7. Simplified diagram of X+, X-, Y+, Y- pins
3.2.2. AUX
The SX8650 interface includes an AUX pin that serves
two functions: an ADC input; and a start of conversion
trigger. When used as an ADC, the single ended input
range is from GND to VDD, referred to GND. When
the AUX input is configured to start conversions, the
AUX input can be further configured as a rising and /
or falling edge trigger.
The AUX is protected to VDD and GROUND.
Figure 8 shows a simplified diagram of the AUX pin.
Figure 8. Simplified diagram of AUX
Touch
Screen
Interface
SX8650
VDD
AUX
X+
Y+
X-
Y-
A0
NIRQ
NRST
SCL
SDA
GND
HOST
Control
I2C
Digital
Filter
ref+
ref-
ADC
in
out
OSC
POR
Vref
VDD_HOST
VDD
X+
X-
Y+
Y-
Touch Screen
Interface
Rchn
AUX
ADC
Control
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com