Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8650EVKA Datasheet(PDF) 21 Page - Semtech Corporation

Part # SX8650EVKA
Description  World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8650EVKA Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SX8650EVKA Datasheet HTML 17Page - Semtech Corporation SX8650EVKA Datasheet HTML 18Page - Semtech Corporation SX8650EVKA Datasheet HTML 19Page - Semtech Corporation SX8650EVKA Datasheet HTML 20Page - Semtech Corporation SX8650EVKA Datasheet HTML 21Page - Semtech Corporation SX8650EVKA Datasheet HTML 22Page - Semtech Corporation SX8650EVKA Datasheet HTML 23Page - Semtech Corporation SX8650EVKA Datasheet HTML 24Page - Semtech Corporation SX8650EVKA Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
SX8650
www.semtech.com
Page 21
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
World’s Lowest Power & Smallest Footprint 4-wire
Resistive Touchscreen Controller with 15kV ESD
Revision V2.19/October 2010
©2010 Semtech Corp.
The register address increments automatically when successive register data (WD1...WDn) is supplied by the host. This
automatic increment can be used for the first 4 register addresses (see Table 6).
The correct sampling of the screen by the SX8650 and the host I2C bus traffic are events that might occur simultaneously.
The SX8650 will synchronize these events by the use of clock stretching if that is required. The stretching occurs directly
after the last received command bit (see Figure 23).
5.1.3. I2C Read Registers
The format for incremental I2C read for registers is given in Figure 24. The read has to start with a write of the read
address.
After the start condition [S], the SX8650 Slave Address (SA) is sent, followed by an eighth bit (W=‘0’) indicating a Write.
The SX8650 then Acknowledges [A] that it is being addressed, and the host responds with a 8-bit CR Data consisting of
‘010’ followed by the Register Address (RA). The SX8650 responds with an Acknowledge [A] and the host sends the
Repeated Start Condition [Sr]. Once again, the SX8650 Slave Address (SA) is sent, followed by an eighth bit (R=‘1’)
indicating a Read.
The SX8650 responds with an Acknowledge [A] and the read Data byte (RD0). If the host needs to read more data it will
acknowledge [A] and the SX8650 will send the next read byte (RD1). This sequence can be repeated until the host
terminates with a NACK [N] followed by a stop [P].
Figure 24. I2C read registers
The I2C read register format of Figure 24 is maintained until the Stop Condition. After the Stop Condition the SX8650 is
performing succeeding reads by the compact read format of the I2C read channels described in the next section.
No clock stretching will occur for the I2C read registers.
5.1.4. I2C Host Commands
The format for I2C commands is given in Figure 25.
After the start condition [S], the SX8650 Slave Address (SA) is sent, followed by an eighth bit (W=‘0’) indicating a Write.
The SX8650 then Acknowledges [A] that it is being addressed, and the host responds with an 8-bit Data consisting of a ‘1’
+ command(6:0). The SX8650 Acknowledges [A] and the host sends a stop [P].
The exact definition of command(6:0) can be found in Table 8.
W
CR
A
S
SA
A
Sr
SA
R
A
RD0
A
RD1
A
RDn
N
P
From Host to SX8650
From SX8650 to Host
Optional
S:
Start Condition
Sr:
Repeated Start Condition
SA:
SX8650 Slave Address(7:1)
W:
'0'
R:
'1'
A:
ACKnowledge
N:
Not ACKnowledge (terminating read stream)
CR:
'010' + Register Address(4:0)
RDn:
Read Data byte(7:0), 0...n
P:
Stop Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com