Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC33 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TC33
Description  Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TC33 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TC33 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESIGN KIT S
T1213
June, 2012
New
Bourns® H-815 & H-870
Surface Mount & Through-Hole Design Kits
Riverside, California - June 19, 2012 - Bourns® Trimpot® Product Line is pleased to announce the release of the
Trimpot® H-815 Surface Mount Trimming Potentiometer Design Kit and the Trimpot® H-870 Through-Hole
Trimming Potentiometer Design Kit.
The new design kits offer a general selection of Bourns® Trimming Potentiometers to accommodate various
applications and board designs. The new kits replace the discontinued H-840LF and H-814-2 kits.
The new design kits are now available. Please visit the Bourns website at www.bourns.com for additional
product details. Should you have any questions or need additional information, please contact Bourns
Customer Service/Inside Sales.
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011
Features
■
RoHS compliant*
■
Size variety
■
Multiturn
■
Single-turn
■
Sealed
■
Open frame
Applications
■
Phone headsets
■
Power supplies
■
Credit card readers
■
Smoke detectors
■
Plasma televisions
■
GPS navigation
■
Barcode scanners
■
CCTV cameras
■
Control systems
■
Radar systems
■
Analytical equipment
■
stereo equipment
Part Number
Configuration
3214
4 mm 5-Turn
3223
3 mm 5-Turn
3224
4 mm 11-Turn
3269
1/4 ” 11-Turn
3312
2 mm Single-Turn
3313
3 mm Single-Turn
3314
4 mm Single-Turn
3361
1/4 ” Single-Turn
TC33
3 mm Single-Turn
Part Number
Configuration
3006
3/4 ” 15-Turn
3266
1/4 ” 12-Turn
3296
3/8 ” 25-Turn
3329
1/4 ” Single-Turn
3362
1/4 ” Single-Turn
3386
3/8 ” Single-Turn
Trimpot® H-815 Design Kit
Surface Mount Trimming Potentiometers
Trimpot® H-870 Design Kit
Through-Hole Trimming Potentiometers


Similar Part No. - TC33

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TC33 BOURNS-TC33 Datasheet
149Kb / 2P
Trimmer
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
3W-D stereo audio amplifier IC with volume control
logo
Productwell Precision E...
TC3317D-151M PRODUCTWELL-TC3317D-151M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC3317D-851M PRODUCTWELL-TC3317D-851M Datasheet
129Kb / 4P
TOROID INDUCTORS
logo
Transcom, Inc.
TC3331 TRANSCOM-TC3331 Datasheet
167Kb / 3P
3.3 - 3.7 GHz 1W MMIC
More results

Similar Description - TC33

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSAD ALPS-SSAD Datasheet
304Kb / 4P
0.7(H)mm, 1.5mm-travel Surface Mount Type
SSAH ALPS-SSAH Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
logo
Murata Manufacturing Co...
EKLMQ18GB MURATA-EKLMQ18GB Datasheet
1,015Kb / 39P
DESIGN ENGINEERING KITS
logo
Switchcraft, Inc.
H203PC SWITCH-H203PC Datasheet
24Kb / 1P
SERIES H-100, H-100PC, H-200, H-200PC
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
Engineering Development/Design Sample Kits
logo
Schurter Inc.
FUSEKITUMT-H SCHURTER-FUSEKITUMT-H Datasheet
165Kb / 2P
Fuse Kit Surface Mount Fuse UMT-H
logo
EAO AG.
2002940001 EAO-2002940001 Datasheet
1Mb / 9P
S09 outdoor Design-In Kits
Rev. 01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com