Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GL816 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 12
Pin#
Name
I/O
Description
Note
37
RB#
B/I
SmartMedia RDY/BSY#
pu
38
SMCE#
B/O
SmartMedia CE#
pu
39
SMWPD#
B/I
SmartMedia Write Protect Detect
pu
40
SMCD#
B/I
SmartMedia CD#
pu
41
NVMA15
O
Ext. flash address 15
42
NVMA14
O
Ext. flash address 14
43
NVMA13
O
Ext. flash address 13
44
NVMA12
O
Ext. flash address 12
45
NVMA11
O
Ext. flash address 11
46
NVMA10
O
Ext. flash address 10
47
DAT2
B/SO
SD DAT2
pu
48
DAT3
B/SO
SD DAT3
pu
49
CMD
B/SO
SD/MMC CMD
pu
50
CLK
O
SD/MMC CLK
51
DAT1
B/SO
SD DAT1
pu
52
DAT0
B/SO
SD/MMC DAT0
pu
53
NVMA9
O
Ext. flash address 9
54
NVMA8
O
Ext. flash address 8
55
NVMA7
O
Ext. flash address 7
56
NVMA6
O
Ext. flash address 6
57
NVMA5
O
Ext. flash address 5
58
NVMA4
O
Ext. flash address 4
59
NVMA3
O
Ext. flash address 3
60
NVMA2
O
Ext. flash address 2
61
CD#
B/I
SD/MMC CD#
pu
62
PWR33CA
O
PCMCIA 3.3V power control
pd
63
DVDD1
P
Digital VDD #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com