Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GL816 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 13
Pin#
Name
I/O
Description
Note
64
DVDD2
P
Digital VDD #2
65
WPD#
B/I
SD/MMC Write Protect Detect
pu
66
GPIO1
B
GPIO1
odpu
67
GPIO2
B
GPIO2
odpu
68
NVMA1
O
Ext. flash address 1
69
NVMA0
O
Ext. flash address 0
70
NVMCS#
O
Ext. flash CS#
pu
71
GPIO3
B
GPIO3
odpu
72
GPIO4
B
GPIO4
odpu
73
PWR33CB
O
Card 3.3V power control
pd
74
EXTRST#
I
External reset
pu
75
PWRIND
O
Power indicator
pd
76
BSYIND
O
Busy indicator
pd
77
DGND1
P
Digital GND #1
pu
78
PGND2
P
Pad GND #2
79
PCCD2#
B/I
PCMCIA CD2#
80
D10
B
PCMCIA data 10
81
D2
B
PCMCIA data 2 /
SmartMedia data 2
82
D9
B
PCMCIA data 9
83
D1
B
PCMCIA data 1 /
SmartMedia data 1
84
D8
B
PCMCIA data 8
85
D0
B
PCMCIA data 0 /
SmartMedia data 0
86
A0 / CLE
O
PCMCIA address 0 /
SmartMedia CLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com