Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button GL816 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 16
5. Electrical Characteristics
5.1 Recommended Operation Conditions
Item
Value
TA
(Ambient Temperature under bias)
0
°C to 70°C
Supply Voltage
+3.0V to +3.6V
Ground Voltage
0V
FOSC
12 MHz
± 100ppm
5.2 DC Characteristics
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
VIH
Input High Voltage
2.6
5
V
VIL
Input Low Voltage
0.0
0.7
V
II
Input Leakage current 0 < VIN < VCC
µA
VOH
Output High Voltage
3.0
V
VOL
Output Low Voltage
0.2
V
IOH
Output Current High
mA
IOL
Output Current Low
mA
CIN
Input Pin Capacitance
2.0
pF
ISUSP
Suspend current
1.5K external
pull-up included
µA
ICC
Supply current
Connect to USB
with 8051 operating
mA
5.3 AC Electrical Characteristics
5.3.1 UTMI Transceiver
The GL816 is fully compatible with Universal Serial Bus specification rev. 2.0 and
USB 2.0 Transceiver Macercell Interface (UTMI) specification rev. 1.01. Please
refer to the specifications for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com