Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6064AMJ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6064AMJ
Description  Precision CMOS Quad Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6064AMJ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6064AMJ Datasheet HTML 1Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 2Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 3Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 4Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 5Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 6Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 7Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 8Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Typ
LMC6064AM
LMC6064AI
LMC6064I
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
V
O
Output Swing
V
+ = 5V
4.995
4.990
4.990
4.950
V
R
L = 100 kΩ to 2.5V
4.970
4.980
4.925
Min
0.005
0.010
0.010
0.050
V
0.030
0.020
0.075
Max
V
+ = 5V
4.990
4.975
4.975
4.950
V
R
L = 25 kΩ to 2.5V
4.955
4.965
4.850
Min
0.010
0.020
0.020
0.050
V
0.045
0.035
0.150
Max
V
+ = 15V
14.990
14.975
14.975
14.950
V
R
L = 100 kΩ to 7.5V
14.955
14.965
14.925
Min
0.010
0.025
0.025
0.050
V
0.050
0.035
0.075
Max
V
+ = 15V
14.965
14.900
14.900
14.850
V
R
L = 25 kΩ to 7.5V
14.800
14.850
14.800
Min
0.025
0.050
0.050
0.100
V
0.200
0.150
0.200
Max
I
O
Output Current
Sourcing, V
O = 0V
22
16
16
13
mA
V
+ = 5V
810
8
Min
Sinking, V
O = 5V
21
16
16
16
mA
78
8
Min
I
O
Output Current
Sourcing, V
O = 0V
25
15
15
15
mA
V
+ = 15V
910
10
Min
Sinking, V
O = 13V
35
24
24
24
mA
(Note 11)
78
8
Min
I
S
Supply Current
All Four Amplifiers
64
76
76
92
µA
V
+ = +5V, V
O = 1.5V
120
92
112
Max
All Four Amplifiers
94
94
114
µA
V
+ = +15V, V
O = 7.5V
80
140
110
132
Max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com