Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6064AMJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6064AMJ
Description  Precision CMOS Quad Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6064AMJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6064AMJ Datasheet HTML 1Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 2Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 3Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 4Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 5Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 6Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 7Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 8Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Typ
LMC6064AM
LMC6064AI
LMC6064I
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
SR
Slew Rate
(Note 8)
35
20
20
15
V/ms
810
7
Min
GBW
Gain-Bandwidth Product
100
kHz
θ
m
Phase Margin
50
Deg
Amp-to-Amp Isolation
(Note 9)
155
dB
en
Input-Referred Voltage Noise
F = 1 kHz
83
in
Input-Referred Current Noise
F = 1 kHz
0.0002
T.H.D.
Total Harmonic Distortion
F = 1 kHz, AV = −5
RL = 100 kΩ,VO = 2VPP
0.01
%
±5V Supply
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed.
Note 2: Applies to both single-supply and split-supply operation. Continous short circuit operation at elevated ambient temperature can result in exceeding the maxi-
mum allowed junction temperature of 150˚C. Output currents in excess of ±30 mA over long term may adversely affect reliability.
Note 3: The maximum power dissipation is a function of TJ(Max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(Max)
−TA)/θJA.
Note 4: Human body model, 1.5 k
Ω in series with 100 pF.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Note 8: V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
Note 9: Input referred V+ = 15V and RL = 100 kΩ connected to 7.5V. Each amp excited in turn with 100 Hz to produce VO = 12 VPP.
Note 10: For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ–TA)/θJA.
Note 11: Do not connect output to V+, when V+ is greater than 13V or reliability witll be adversely affected.
Note 12: All numbers apply for packages soldered directly into a PC board.
Note 13: For guaranteed Military Temperature Range parameters see RETSMC6064X.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com