Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6064AMJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6064AMJ
Description  Precision CMOS Quad Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6064AMJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6064AMJ Datasheet HTML 1Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 2Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 3Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 4Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 5Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 6Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 7Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 8Page - National Semiconductor (TI) LMC6064AMJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMC6064
Precision CMOS Quad Micropower Operational Amplifier
General Description
The LMC6064 is a precision quad low offset voltage, mi-
cropower operational amplifier, capable of precision single
supply operation. Performance characteristics include ultra
low input bias current, high voltage gain, rail-to-rail output
swing, and an input common mode voltage range that in-
cludes ground. These features, plus its low power consump-
tion make the LMC6064 ideally suited for battery powered
applications.
Other applications using the LMC6064 include precision
full-wave rectifiers, integrators, references, sample-and-hold
circuits, and true instrumentation amplifiers.
This device is built with National’s advanced double-Poly
Silicon-Gate CMOS process.
For designs that require higher speed, see the LMC6084
precision quad operational amplifier.
For single or dual operational amplifier with similar features,
see the LMC6061 or LMC6062 respectively.
PATENT PENDING
Features
(Typical Unless Otherwise Noted)
n Low offset voltage:
100 µV
n Ultra low supply current:
16 µA/Amplifier
n Operates from 4.5V to 15V single supply
n Ultra low input bias current:
10 fA
n Output swing within 10 mV of supply rail, 100k load
n Input common-mode range includes V
−
n High voltage gain:
140 dB
n Improved latchup immunity
Applications
n Instrumentation amplifier
n Photodiode and infrared detector preamplifier
n Transducer amplifiers
n Hand-held analytic instruments
n Medical instrumentation
n D/A converter
n Charge amplifier for piezoelectric transducers
Connection Diagram
Ordering Information
Package
Temperature Range
NSC
Drawing
Transport
Media
Military
Industrial
−55˚C to +125˚C
−40˚C to +85˚C
14-Pin
LMC6064AMN
LMC6064AIN
N14A
Rail
Molded DIP
LMC6064IN
14-Pin
LMC6064AIM
M14A
Rail
Small Outline
LMC6064IM
Tape and Reel
14-Pin
LMC6064AMJ
J14A
Rail
Ceramic DIP
14-Pin DIP/SO
DS011466-1
Top View
November 1994
© 1999 National Semiconductor Corporation
DS011466
www.national.com


Similar Part No. - LMC6064AMJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6064AIM TI1-LMC6064AIM Datasheet
1Mb / 22P
LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMC6064AIM TI1-LMC6064AIM Datasheet
1Mb / 22P
LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMC6064AIM/NOPB TI1-LMC6064AIM/NOPB Datasheet
1Mb / 22P
LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMC6064AIMEP TI1-LMC6064AIMEP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
LMC6064AIMX TI1-LMC6064AIMX Datasheet
1Mb / 22P
LMC6064 Precision CMOS Quad Micropower Operational Amplifier
More results

Similar Description - LMC6064AMJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
LMC6064IM TI1-LMC6064IM Datasheet
1Mb / 22P
LMC6064 Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
Micropower Precision CMOS Operational Amplifier
REV. B
logo
Texas Instruments
LMC6064 TI1-LMC6064 Datasheet
1Mb / 22P
LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
CMOS Quad Micropower Operational Amplifier
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com