Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R45 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R45
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R45 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-R45 Datasheet HTML 14Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 15Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 16Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 17Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 18Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 19Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 20Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 21Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
STK17TA8
February 2004
19
Document Control # ML0023 rev 0.3
WDT
Watchdog timeout selection. The watchdog timer interval is selected by the 6-bit value in this register. It represents a multiplier of the 32 Hz
count (31.25 ms). The minimum range or timeout value is 31.25 ms (a setting of 1) and the maximum timeout is 2 seconds (setting of 3Fh).
Setting the watchdog timer register to 0 disables the timer. These bits can be written only if the WDW bit was cleared to 0 on a previous
cycle.
1FFF6h
Interrupt Status/Control
D7
D6
D5
D4
D3
D2
D1
D0
WIE
AIE
PFE
ABE
H/L
P/L
XX
WIE
Watchdog Interrupt Enable. When set to 1 and a watchdog timeout occurs, the watchdog timer drives the INT pin as well as the WDF flag.
When set to 0, the watchdog timeout affects only the WDF flag.
AIE
Alarm Interrup Enable. When set to 1, the alarm match drives the INT pin as well as the AF flag. When set to 0, the alarm match only
affects the AF flag.
PFE
Power-Fail Enable. When set to 1, the alarm match drives the INT pin as well as the AF flag. When set to 0, the power-fail monitor affects
only the PF flag.
ABE
Alarm Battery-backup Enable. When set to 1, the alarm interrupt (as controlled by AIE) will function even in battery backup mode. When
set to 0, the alarm will occur only when Vcc>Vswitch.
H/L
High/Low. When set to a 1, the INT pin is driven active high. When set to 0, the INT pin is open drain, active low.
P/L
Pulse/Level. When set to a 1, the INT pin is driven active (determined by H/L) by an interrupt source for approximately 200 ms. When set
to a 0, the INT pin is driven to an active level (as set by H/L) until the Flags/Control register is read.
1FFF5h
Alarm - Day
D7
D6
D5
D4
D3
D2
D1
D0
M
0
10s alarm date
alarm date
Contains the alarm value for the date of the month and the mask bit to select or deselect the date value.
M
Match. Setting this bit to 0 causes the date value to be used in the alarm match. Setting this bit to 1 causes the match circuit to ignore the
date value.
1FFF4h
Alarm - Hours
D7
D6
D5
D4
D3
D2
D1
D0
M
0
10s alarm hours
alarm hours
Contains the alarm value for the hours and the mask bit to select or deselect the hours value.
M
Match. Setting this bit to 0 causes the hours value to be used in the alarm match. Setting this bit to 1 causes the match circuit to ignore the
hours value.
1FFF3h
Alarm - Minutes
D7
D6
D5
D4
D3
D2
D1
D0
M
10s alarm minutes
alarm minutes
Contains the alarm value for the minutes and the mask bit to select or deselect the minutes value
M
Match. Setting this bit to 0 causes the minutes value to be used in the alarm match. Setting this bit to 1 causes the match circuit to ignore
the minutes value.
1FFF2h
Alarm - Seconds
D7
D6
D5
D4
D3
D2
D1
D0
M
10s alarm seconds
alarm seconds
Contains the alarm value for the seconds and the mask bit to select or deselect the seconds value
1FFF7h
Watchdog Timer
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com