Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R45 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R45
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R45 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-R45 Datasheet HTML 14Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 15Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 16Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 17Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 18Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 19Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 20Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 21Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
STK17TA8
February 2004
22
Document Control # ML0023 rev 0.3
Document Revision History
Revision
Date
Summary
0.0
February 2003
Publish new datasheet
0.1
March 2003
Remove 525 mil SOIC, Add 48 Pin SSOP and 40 Pin DIP packages; Modified Block Dia-
gram in AutoStore description section
0.2
June 2003
Modify 600 mil DIP pinout (switch pins 32 and 33), Update Power-up Recall specs, Update
Software Controlled Store/Recall Cycle, Added Hardware Store Description, Modified Mode
Selection Table, Updated Vswitch, Updated tstore, Modify IBAK and VBAK
0.3
February 2004
Change part number from STK17CA8 to STK17TA8; Add lead-free finish option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com