Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R45 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R45
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R45 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-R45 Datasheet HTML 14Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 15Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 16Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 17Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 18Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 19Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 20Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 21Page - List of Unclassifed Manufacturers STK17TA8-R45 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
STK17TA8
February 2004
21
Document Control # ML0023 rev 0.3
ORDERING INFORMATION
Temperature Range
Blank = Commercial (0 to 70°C)
I = Industrial (-40 to 85°C)
Access Time
25 = 25ns
35 = 35ns
45 = 45ns
Lead Finish
Blank = 85%Sn/15%Pb
F = 100% Sn (Matte Tin)
Package
R = Plastic 48-pin 300 mil SSOP
W = Plastic 40-pin 600 mil DIP
STK17TA8 - R F 45 I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com