Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2136 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2136
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136 Datasheet(HTML) 4 Page - International Rectifier

  IR2136 Datasheet HTML 1Page - International Rectifier IR2136 Datasheet HTML 2Page - International Rectifier IR2136 Datasheet HTML 3Page - International Rectifier IR2136 Datasheet HTML 4Page - International Rectifier IR2136 Datasheet HTML 5Page - International Rectifier IR2136 Datasheet HTML 6Page - International Rectifier IR2136 Datasheet HTML 7Page - International Rectifier IR2136 Datasheet HTML 8Page - International Rectifier IR2136 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
IR2136(2)(3)(5)(6)(7)(8)(J&S)&(PbF)
4
www.irf.com
Static Electrical Characteristics cont.
VBIAS (VCC, VBS1,2,3) = 15V unless otherwise specified. The VIN, VTH and IIN parameters are referenced to VSS and
are applicable to all six channels (HS1,2,3 and LS1,2,3). The VO and IO parameters are referenced to COM and VS1,2,3
and are applicable to the respective output leads: HO1,2,3 and LO1,2,3.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VCCUV-
VCC and VBS supply undervoltage
IR2136(8)
7.4
8.2
9.0
VBSUV-
negative going threshold
IR21362
8.6
9.4
10.2
IR21363(5)(6)(7)
10.4
10.9
11.4
VCCUVH
VCC and VBS supply undervoltage
IR2136
0.3
0.7
—
VBSUVH
lockout hysteresis
IR21362
0.5
1.0
—
IR21363(5)
—
0.2
—
ILK
Offset supply leakage current
—
—
50
VB1,2,3=VS1,2,3=600V
IQBS
Quiescent VBS supply current
—
70
120
IQCC
Quiescent VCC supply current
—
1.6
2.3
mA
VIN, CLAMP
Input clamp voltage (HIN, LIN, ITRIP and EN)
4.9
5.2
5.5
V
IIN =100
µA
ILIN+
Input bias current (LOUT = HI)
IR2136(2)(3)(5)
—
200
300
VLIN = 5V
IR21366(7)(8)
—0
1
ILIN-
Input bias current (LOUT = LO)
IR2136(2)(3)(5)
—
100
220
VLIN = 0V
IR21366(7)(8)
—0
1
IHIN+
Input bias current (HOUT = HI)
IR2136(3)(5)
—
200
300
VHIN = 5V
IR21362
—
30
100
IR21366(7)(8)
—0
1
IHIN-
Input bias current (HOUT = LO)
IR2136(3)(5)
—
100
220
VHIN = 0V
IR21362(6)(7)(8)
—0
1
IITRIP+
“high” ITRIP input bias current
—
30
100
VITRIP = 5V
IITRIP-
“low” ITRIP input bias current
—
0
1
VITRIP = 0V
IEN+
“high” ENABLE input bias current
—
30
100
VENABLE= 5V
IEN-
“low” ENABLE input bias current
—
0
1
VENABLE = 0V
IRCIN
RCIN input bias current
—
0
1
VRCIN = 0V or 15V
IO+
Output high short circuit pulsed current
120
200
—
VO=0V, PW ≤ 10 µs
IO-
Output low short circuit pulsed current
250
350
—
VO=15V, PW ≤10 µs
RON,RCIN
RCIN low on resistance
—
50
100
RON,FLT
FAULT low on resistance
—
50
100
VIN = 0V or 5V
µA
Ω
µA
mA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com