Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2136 Datasheet(PDF) 17 Page - International Rectifier

Part # IR2136
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR2136 Datasheet HTML 13Page - International Rectifier IR2136 Datasheet HTML 14Page - International Rectifier IR2136 Datasheet HTML 15Page - International Rectifier IR2136 Datasheet HTML 16Page - International Rectifier IR2136 Datasheet HTML 17Page - International Rectifier IR2136 Datasheet HTML 18Page - International Rectifier IR2136 Datasheet HTML 19Page - International Rectifier IR2136 Datasheet HTML 20Page - International Rectifier IR2136 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
www.irf.com
17
IR2136(2)(3)(5)(6)(7)(8)(J&S) &(PbF)
0
200
400
600
800
1000
1200
10
12
14
16
18
20
Supply Voltage (V)
Figure 12B. ITRIP to FAULT Indication Time vs.
Supply Voltage
Typ.
Max.
Mi
n.
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Typ.
Max.
Fig13A. FAULT Clear Time vs. Temperature
Min.
0.5
1.0
1.5
2.0
2.5
3.0
10
12
14
16
18
20
Supply Voltage (V)
Figure 13B. FAULT Clear Time vs. Supply Voltage
Max.
Min.
Typ.
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
125
Temperature (
o
C)
Typ.
Max.
Figure 14A. Dead Time vs. Temperature
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com