Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2136 Datasheet(PDF) 16 Page - International Rectifier

Part # IR2136
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136 Datasheet(HTML) 16 Page - International Rectifier

Back Button IR2136 Datasheet HTML 12Page - International Rectifier IR2136 Datasheet HTML 13Page - International Rectifier IR2136 Datasheet HTML 14Page - International Rectifier IR2136 Datasheet HTML 15Page - International Rectifier IR2136 Datasheet HTML 16Page - International Rectifier IR2136 Datasheet HTML 17Page - International Rectifier IR2136 Datasheet HTML 18Page - International Rectifier IR2136 Datasheet HTML 19Page - International Rectifier IR2136 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
IR2136(2)(3)(5)(6)(7)(8)(J&S)&(PbF)
16
www.irf.com
0
300
600
900
1200
1500
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Typ.
Max.
Figure 11A. ITRIP to Output Shutdown Time vs.
Temperature
Mi
n.
0
200
400
600
800
1000
3
3.5
4
4.5
5
EN Voltage (V)
Figure 10C. EN to Output Shutdown Time
vs. EN Voltage
Typ.
Max.
Min.
0
300
600
900
1200
1500
10
12
14
16
18
20
Supply Voltage (V)
Figure 11B. ITRIP to Output Shutdown
Time vs. Supply Voltage
Typ.
Max.
Min.
0
200
400
600
800
1000
1200
-50
-25
0
255075
100
125
Temperature (
oC)
Typ.
Max.
Figure 12A. ITRIP to FAULT Indication Time vs.
Temperature
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com