Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVR
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4304DBVR Datasheet HTML 2Page - Texas Instruments THS4304DBVR Datasheet HTML 3Page - Texas Instruments THS4304DBVR Datasheet HTML 4Page - Texas Instruments THS4304DBVR Datasheet HTML 5Page - Texas Instruments THS4304DBVR Datasheet HTML 6Page - Texas Instruments THS4304DBVR Datasheet HTML 7Page - Texas Instruments THS4304DBVR Datasheet HTML 8Page - Texas Instruments THS4304DBVR Datasheet HTML 9Page - Texas Instruments THS4304DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
Specifications: V
S = 3 V: RF = 249 Ω, RL = 499 Ω, and G = +2 unless otherwise noted
TYP
OVER TEMPERATURE
TEST
–40
°C
PARAMETER
CONDITIONS
0
°C to
MIN/
LEVEL(1)
25
°C
25
°C
to
UNITS
70
°C
MAX
85
°C
AC PERFORMANCE
G = +1, VO = 100 mVpp
3
GHz
Typ
C
G = +2, VO = 100 mVpp
900
MHz
Typ
C
Small-Signal Bandwidth
G = +5, VO = 100 mVpp
190
MHz
Typ
C
G = +10, VO = 100 mVpp
83
MHz
Typ
C
Gain Bandwidth Product
G >+10
830
MHz
Typ
C
Large-Signal Bandwidth
G = +2, VO = 1 VPP
450
MHz
Typ
C
G = +2, VO = 1-V Step
750
V/
µs
Typ
C
Slew Rate
G = +2, VO = 1-V Step
675
V/
µs
Typ
C
Settling Time to 1%
G = –2, VO = 0.5-V Step
4.5
ns
Typ
C
Settling Time to 0.1%
G = –2, VO = 0.5-V Step
20
ns
Typ
C
Rise / Fall Times
G = +2, VO = 0.5-V Step
1.5
ns
Typ
C
Harmonic Distortion
Second Harmonic Distortion
G = +2,
–92
dBc
Typ
C
VO = 0.5 VPP,
RL = 499 Ω
–91
dBc
Typ
Third Harmonic Distortion
C
f = 10 MHz
Noise Figure
G = +2, f = 1 GHz
15
dB
Typ
C
Input Voltage Noise
f = 1 MHz
2.4
nV/
√Hz
Typ
C
Input Current Noise
f = 1 MHz
2.1
pA/
√Hz
Typ
C
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)
VO = ± 0.5 V, VCM = 1.5 V
49
44
dB
Min
A
Input Offset Voltage
2
4
5
5
mV
Max
A
Input Offset Voltage Drift
5
5
µV/°C
Typ
B
Input Bias Current
7
12
18
18
µA
Max
A
VCM = 1.5 V
Input Bias Current Drift
50
50
nA/
°C
Typ
B
Input Offset Current
0.4
1
1.2
1.2
µA
Max
A
Input Offset Current Drift
10
10
nA/
°C
Typ
B
INPUT CHARACTERISTICS
–0.2
0.2 to
0.4 to
0.4 to
Common-Mode Input Range
V
Min
A
to 3.2
2.8
2.6
2.6
Common-Mode Rejection Ratio
VO = ± 0.09 V, VCM = 1.5 V
92
80
70
70
dB
Min
A
Input Resistance
100
k
Ω
Typ
C
Each input, referenced to GND
Input Capacitance
1.5
pF
Typ
C
(1)
Test levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com