Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVR
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVR Datasheet(HTML) 3 Page - Texas Instruments

  THS4304DBVR Datasheet HTML 1Page - Texas Instruments THS4304DBVR Datasheet HTML 2Page - Texas Instruments THS4304DBVR Datasheet HTML 3Page - Texas Instruments THS4304DBVR Datasheet HTML 4Page - Texas Instruments THS4304DBVR Datasheet HTML 5Page - Texas Instruments THS4304DBVR Datasheet HTML 6Page - Texas Instruments THS4304DBVR Datasheet HTML 7Page - Texas Instruments THS4304DBVR Datasheet HTML 8Page - Texas Instruments THS4304DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
over operating free-air temperature range (unless otherwise noted)
UNIT
VS
Supply voltage
+6.0 V
VI
Input voltage
±V
S
IO
Output current
150 mA
VID
Differential input voltage
±2 V
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, any condition(2)
150
°C
TJ
Operating free-air temperature range, continuous operation, long-term reliability(2)
125
°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature: 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
HBM
1600 V
ESD Ratings
CDM
1000 V
MM
100 V
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Dual supply
±1.35
±2.5
Supply voltage, (VS+ and VS–)
V
Single supply
2.7
5
Input common-mode voltage range
VS–– 0.2
VS+ + 0.2
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com