Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVR
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4304DBVR Datasheet HTML 9Page - Texas Instruments THS4304DBVR Datasheet HTML 10Page - Texas Instruments THS4304DBVR Datasheet HTML 11Page - Texas Instruments THS4304DBVR Datasheet HTML 12Page - Texas Instruments THS4304DBVR Datasheet HTML 13Page - Texas Instruments THS4304DBVR Datasheet HTML 14Page - Texas Instruments THS4304DBVR Datasheet HTML 15Page - Texas Instruments THS4304DBVR Datasheet HTML 16Page - Texas Instruments THS4304DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (3 V)
0
1
2
3
4
5
6
7
8
9
10
10 M
100 M
1 G
10 G
CF = 0 pF
CF = 0.5 pF
CF = 1 pF
Gain = 2
RL = 499 Ω
RF = 249 Ω,
VO = 100 mVPP,
VS = 3 V
f − Frequency − Hz
0
1
2
3
4
5
6
7
8
9
10
10 M
100 M
1 G
10 G
f − Frequency − Hz
Gain = 2
RL = 499 Ω
RF = 249 Ω,
VS = 3 V
VO = 100 mVPP
VO = 200 mVPP
−3dB 900 MHz
VO = 400 mVPP
VO = 800 mVPP
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
10 G
G 10
G 5
G 2
G 1, RF 0Ω
RF = 249 Ω,
RL = 499 Ω,
VO = 100 mVPP,
VS = 3 V
f − Frequency − Hz
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
1 M
10 M
100 M
1 G
RF = 249 Ω,
RL = 499 Ω,
VO = 1 VPP,
VS = 3 V
f − Frequency − Hz
−3 dB 85 MHz
−3 dB 90 MHz
−3 dB 450 MHz
−100
−90
−80
−70
−60
−50
1 M
10 M
100 M
f − Frequency − Hz
Gain = 2
RL = 499 Ω
RF = 249 Ω,
VO = 500 mVPP,
VS = 3 V
−100
−90
−80
−70
−60
−50
1 M
10 M
100 M
f − Frequency − Hz
Gain = 2
RL = 499 Ω
RF = 249 Ω,
VO = 500 mVPP,
VS = 3 V
1.25
1.35
1.45
1.55
1.65
1.75
0
1
2
3
4
5
6
7
8
9
10
t − Time − ns
Gain = 2
RL = 499 Ω
RF = 249 Ω
VS = 3 V
−100
−90
−80
−70
−60
−50
−40
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
HD 2
HD 3
Gain = 2
RL = 499 Ω
RF = 249 Ω,
f = 10 MHz,
VS = 3 V
VO − Output Voltage − VPP
400
450
500
550
600
650
700
750
800
850
900
0
0.1
0.2
0.3
0.4
0.5
0.6
Rise
Fall
Gain = 2,
RF = 249 Ω,
RL = 499 Ω,
VS = 3 V
VO − Output Voltage − VPP
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 32.
Figure 33.
Figure 34.
2ND HARMONIC DISTORTION
3RD HARMONIC DISTORTION
vs
vs
FREQUENCY RESPONSE
FREQUENCY
FREQUENCY
Figure 35.
Figure 36.
Figure 37.
HARMONIC DISTORTION
SLEW RATE
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
SETTLING TIME
Figure 38.
Figure 39.
Figure 40.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com