Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6572 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6572
Description  Low Voltage (2.7V and 3V) Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6572 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6572 Datasheet HTML 1Page - National Semiconductor (TI) LMC6572 Datasheet HTML 2Page - National Semiconductor (TI) LMC6572 Datasheet HTML 3Page - National Semiconductor (TI) LMC6572 Datasheet HTML 4Page - National Semiconductor (TI) LMC6572 Datasheet HTML 5Page - National Semiconductor (TI) LMC6572 Datasheet HTML 6Page - National Semiconductor (TI) LMC6572 Datasheet HTML 7Page - National Semiconductor (TI) LMC6572 Datasheet HTML 8Page - National Semiconductor (TI) LMC6572 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2000V
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V
+) +0.3V,
(V
−) −0.3V
Supply Voltage (V
+ −V−)
12V
Current at Input Pin
±5mA
Current at Output Pin (Note 3)
±10 mA
Current at Power Supply Pin
35 mA
Lead Temperature
(Soldering, 10 Seconds)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
150˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V
≤ V+ ≤ 11V
Junction Temperature Range
LMC6572AI, LMC6572BI
−40˚C
≤ T
J ≤ +85˚C
LMC6574AI, LMC6574BI
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA)
N Package, 8-Pin Molded DIP
115˚C/W
M Package, 8-Pin Surface Mount
193˚C/W
MSOP Package, 8-Pin Mini SO
217˚C/W
N Package, 14-Pin Molded DIP
81˚C/W
M Package, 14-Pin Surface Mount
126˚C/W
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6574AI
LMC6574BI
Units
LMC6572AI
LMC6572BI
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
V
+ = 2.7V and 3V
0.5
3
7
mV
3.5
7.5
Max
TCV
OS
Input Offset Voltage
1.5
µV/˚C
Average Drift
I
B
Input Current
0.02
pA
10
10
Max
I
OS
Input Offset Current
0.01
pA
66
Max
R
IN
Input Resistance
>1
Tera
Ω
C
IN
Common-Mode
3
pF
Input Capacitance
CMRR
Common Mode
0V
≤ V
CM ≤ 3.5V
75
63
60
dB
Rejection Ratio
V
+ = 5V
60
57
Min
+PSRR
Positive Power Supply
2.7V
≤ V+ ≤ 5V,
75
67
60
dB
Rejection Ratio
V
− = 0V
65
58
Min
−PSRR
Negative Power Supply
−2.7V
≤ V− ≤ −5V,
83
75
67
dB
Rejection Ratio
V
+ = 0V
73
65
Min
V
CM
Input Common-Mode
V
+ = 2.7V and 3V
−0.1
−0.05
−0.05
V
Voltage Range
for CMRR
≥ 50 dB
00
Max
V
+ − 0.8
V
+ − 1.0
V
+ − 1.0
V
V
+ − 1.3
V
+ − 1.3
Min
A
V
Large Signal
R
L = 100 kΩ
Sourcing
1000
V/mV
Voltage Gain
(Note 7)
Sinking
500
V/mV
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com