Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6572 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6572
Description  Low Voltage (2.7V and 3V) Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6572 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6572 Datasheet HTML 1Page - National Semiconductor (TI) LMC6572 Datasheet HTML 2Page - National Semiconductor (TI) LMC6572 Datasheet HTML 3Page - National Semiconductor (TI) LMC6572 Datasheet HTML 4Page - National Semiconductor (TI) LMC6572 Datasheet HTML 5Page - National Semiconductor (TI) LMC6572 Datasheet HTML 6Page - National Semiconductor (TI) LMC6572 Datasheet HTML 7Page - National Semiconductor (TI) LMC6572 Datasheet HTML 8Page - National Semiconductor (TI) LMC6572 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2.7V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6574AI
LMC6574BI
Units
LMC6572AI
LMC6572BI
Limit
Limit
(Note 6)
(Note 6)
V
O
Output Swing
V
+ = 2.7V
2.695
2.68
2.65
V
R
L = 100 kΩ to V
+/2
2.66
2.62
Min
0.005
0.03
0.06
V
0.05
0.09
Max
V
+ = 2.7V
2.66
2.55
2.45
V
R
L = 5kΩ to V
+/2
2.45
2.35
Min
0.04
0.15
0.25
V
0.25
0.35
Max
V
+ = 3V
2.995
2.98
2.95
V
R
L = 100 kΩ to V
+/2
2.96
2.93
Min
0.005
0.03
0.06
V
0.05
0.09
Max
V
+ = 3V
2.96
2.85
2.75
V
R
L = 5kΩ to V
+/2
2.75
2.65
Min
0.04
0.15
0.25
V
0.25
0.35
Max
I
SC
Output Short
Sourcing, V
O = 0V
6.0
4.0
3.0
mA
Circuit Current
3.0
2.0
Min
Sinking, V
O = 2.7V
4.0
3.0
2.5
mA
2.0
1.5
Min
I
S
Supply Current
Quad Package
160
240
240
µA
V
+ = +2.7V, V
O = V
+/2
280
280
Max
Quad Package
160
240
240
µA
V
+ = +3V, V
O = V
+/2
280
280
Max
Dual Package
80
120
120
µA
V
+ = +2.7V, V
O = V
+/2
140
140
Max
Dual Package
80
120
120
µA
V
+ = +3V, V
O = V
+/2
140
140
Max
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6574AI
LMC6574BI
Units
LMC6572AI
LMC6572BI
Limit
Limit
(Note 6)
(Note 6)
SR
Slew Rate
V
+ = 2.7V and 3V
90
30
30
V/ms
(Note 8)
10
10
Min
GBW
Gain-Bandwidth Product
V
+ = 3V
0.22
MHz
φ
m
Phase Margin
60
Deg
G
m
Gain Margin
12
dB
Amp-to-Amp Isolation
(Note 9)
120
dB
e
n
Input-Referred
F = 1 kHz
45
nV/
√Hz
Voltage Noise
V
CM = 1V
i
n
Input-Referred
F = 1 kHz
0.002
pA/
√Hz
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com