Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6572 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6572
Description  Low Voltage (2.7V and 3V) Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6572 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6572 Datasheet HTML 1Page - National Semiconductor (TI) LMC6572 Datasheet HTML 2Page - National Semiconductor (TI) LMC6572 Datasheet HTML 3Page - National Semiconductor (TI) LMC6572 Datasheet HTML 4Page - National Semiconductor (TI) LMC6572 Datasheet HTML 5Page - National Semiconductor (TI) LMC6572 Datasheet HTML 6Page - National Semiconductor (TI) LMC6572 Datasheet HTML 7Page - National Semiconductor (TI) LMC6572 Datasheet HTML 8Page - National Semiconductor (TI) LMC6572 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMC6572 Dual/LMC6574 Quad
Low Voltage (2.7V and 3V) Operational Amplifier
General Description
Low voltage operation and low power dissipation make the
LMC6574/2 ideal for battery-powered systems.
3V amplifier performance is backed by 2.7V guarantees to
ensure operation throughout battery lifetime. These guaran-
tees also enable analog circuits to operate from the same
3.3V supply used for digital logic.
Battery life is maximized because each amplifier dissipates
only micro-watts of power.
The LMC6574/2 does not sacrifice functionality for low volt-
age operation. The LMC6574/2 generates 120 dB of
open-loop gain just like a conventional amplifier, but the
LMC6574/2 can do this from a 2.7V supply.
These amplifiers are designed with features that optimize
low voltage operation. The output voltage swings rail-to-rail
to maximize signal-to-noise ratio and dynamic signal range.
The common-mode input voltage range extends from
800 mV below the positive supply to 100 mV below ground.
This device is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
LMC6572 is also available in MSOP package which is al-
most half the size of a SO-8 device.
Features
(Typical unless otherwise noted)
n Guaranteed 2.7V and 3V Performance
n Rail-to-Rail Output Swing (within 5 mV of supply rail,
100 k
Ω load)
n Ultra-Low Supply Current:
40 µA/Amplifier
n Low Cost
n Ultra-Low Input Current:
20 fA
n High Voltage Gain @ VS=2.7V, RL=100 kΩ:
120 dB
n Specified for 100 k
Ω and 5 kΩ loads
n Available in MSOP Package
Applications
n Transducer Amplifier
n Portable or Remote Equipment
n Battery-Operated Instruments
n Data Acquisition Systems
n Medical Instrumentation
n Improved Replacement for TLV2322 and TLV2324
Connection Diagrams
8-Pin DIP/SO/MSOP
DS011934-1
Order Number LMC6572AIN, LMC6572BIN,
LMC6572AIM, LMC6572BIM or LMC6572BIMM
See NS Package Number N08E, M08A or MUA08A
14-Pin DIP/SO
DS011934-2
Order Number LMC6574AIN, LMC6574BIN,
LMC6574AIM or LMC6574BIM
See NS Package Number N14A or M14A
December 1996
© 1999 National Semiconductor Corporation
DS011934
www.national.com


Similar Part No. - LMC6572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6572 TI1-LMC6572 Datasheet
1Mb / 22P
LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
LMC6572AIM/NOPB TI1-LMC6572AIM/NOPB Datasheet
1Mb / 22P
LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
National Semiconductor ...
LMC6572AIMNOPB NSC-LMC6572AIMNOPB Datasheet
1Mb / 22P
LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
Texas Instruments
LMC6572AIMX/NOPB TI1-LMC6572AIMX/NOPB Datasheet
1Mb / 22P
LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
National Semiconductor ...
LMC6572AIMXNOPB NSC-LMC6572AIMXNOPB Datasheet
1Mb / 22P
LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
More results

Similar Description - LMC6572

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
Low voltage operational amplifier
1994 Aug 31
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Texas Instruments
LM392 TI-LM392 Datasheet
286Kb / 10P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
National Semiconductor ...
LMC6572 NSC-LMC6572_14 Datasheet
1Mb / 22P
LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
Unisonic Technologies
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Texas Instruments
LM392 TI1-LM392_14 Datasheet
897Kb / 14P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LMC6572 TI1-LMC6572 Datasheet
1Mb / 22P
LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com