Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL60-RXP Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # SNL60-RXP
Description  Material Safety Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SNL60-RXP Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  SNL60-RXP Datasheet HTML 1Page - Laird Tech Smart Technology SNL60-RXP Datasheet HTML 2Page - Laird Tech Smart Technology SNL60-RXP Datasheet HTML 3Page - Laird Tech Smart Technology SNL60-RXP Datasheet HTML 4Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Section 4: First Aid Measures
Ingestion:
In the event ingestion of material occurs rinse the mouth with water several times. If swallowed, slowly
dilute with 1-2 glasses of water and seek medical attention. Do not induce vomiting.
Skin:
Remove contaminated clothing and launder before use. Wipe off and wash with soap and water.
Inhalation:
Remove to fresh air. If not breathing, give artificial respiration and obtain immediate medical attention.
Eyes:
In case of contact, immediately flush eyes with plenty of water for at least 15 minutes and get
medical attention if irritation persists.
Section 5: Fire Fighting Measures
Flammable Properties:
Flash Point: Not applicable to solids
Flammable Limits: LFL: Not Available
UFL: Not Available
Sensitivity to Static Discharge: Not expected
Extinguishing Media: Dry sand, dry chemical, CO2, and foam extinguishers. Do not use water.
Fire & Explosion Hazards: None known
Special Firefighting Procedures: Wear positive pressure, self-contained breathing apparatus and protective clothing.
Toxic fumes are emitted in a fire condition.
Section 6: Accidental Release Measures
Wear suitable protective clothing, chemical resistant gloves and goggles. Wipe or scrape up material and put into a
container for disposal in accordance with federal, state, and local regulations. The container should be sealed,
labeled, and stored in a cool, well ventilated area to await disposal.
Section 7: Handling and Storage
Keep container closed when not in use.
Store at less than 40° F to prevent premature curing of this product.
Store away from heat and sources of ignition.
Do not allow to come in contact with acidic, basic or oxidizing materials.
Use in well ventilated areas.
Avoid breathing vapors; if exposed to high vapor concentration, leave area at once.
Laird MSDS #015
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com