Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL60-RXP Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SNL60-RXP
Description  Material Safety Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SNL60-RXP Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SNL60-RXP Datasheet HTML 1Page - Laird Tech Smart Technology SNL60-RXP Datasheet HTML 2Page - Laird Tech Smart Technology SNL60-RXP Datasheet HTML 3Page - Laird Tech Smart Technology SNL60-RXP Datasheet HTML 4Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Name(s): SNL60-RXP
MSDS Number: 015
Material Safety Data Sheet
(Prepared in accordance with OSHA Hazard communication
Standard 29 CFR 1910.1200 Section (g)(c)(1))
Product Name: SNL60-RXP
Synonym: Conductive Silicone Elastomer
Chemical Family: Silicone Compound
Formula: Mixture
Manufacturer’s Name: Laird Technologies- EMI Division
Emergency Telephone Number
4707 Detroit Avenue
***(216) 939 – 2300***
Cleveland, OH 44102
Information Telephone Number
Date of Preparation: April 14, 2007
***(216) 939 – 2300**
Section 1: Product Identification
Section 2: Composition Information
Component
CAS Reg. #
Weight %
Silver
††
7440-22-4
0 – 30%
Aluminum
7429-90-05
10 – 70%
Xylene
††
1330-20-7
5 – 15%
†† These materials are regulated under SARA Title III and TRI. Aluminum is reportable only as a fume or dust.
Section 3: Hazards Identification
Potential Health Effects:
Ingestion:
Harmful if swallowed.
Skin:
May irritate the skin and cause allergic skin rashes.
Inhalation:
Excessive inhalation causes headaches, dizziness, nausea and lack of coordination.
Eyes:
May cause severe eye irritation.
Medical Conditions Aggravated: Contact dermatitis
Subchronic Effects: None known
Chronic Effects/Carcinogenicity: This product contains no carcinogens or suspected carcinogens, in concentrations
of 0.1% or greater, as defined by OSHA, ACGIH, NTP, and IARC.
Laird MSDS #015
Page 1 of 4


Similar Part No. - SNL60-RXP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNL201212 ETC2-SNL201212 Datasheet
133Kb / 3P
SMD Inductor for Signal Line
SNL201212S-100J-T ETC2-SNL201212S-100J-T Datasheet
133Kb / 3P
SMD Inductor for Signal Line
SNL201212S-100K-T ETC2-SNL201212S-100K-T Datasheet
133Kb / 3P
SMD Inductor for Signal Line
SNL201212S-1R0J-T ETC2-SNL201212S-1R0J-T Datasheet
133Kb / 3P
SMD Inductor for Signal Line
SNL201212S-1R0K-T ETC2-SNL201212S-1R0K-T Datasheet
133Kb / 3P
SMD Inductor for Signal Line
More results

Similar Description - SNL60-RXP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
PL1816-NTE NTE-PL1816-NTE Datasheet
32Kb / 7P
MATERIAL SAFETY DATA SHEET
RX401-16 NTE-RX401-16 Datasheet
120Kb / 7P
MATERIAL SAFETY DATA SHEET
RX1100-10 NTE-RX1100-10 Datasheet
34Kb / 6P
MATERIAL SAFETY DATA SHEET
RX1800-18 NTE-RX1800-18 Datasheet
114Kb / 6P
MATERIAL SAFETY DATA SHEET
RX2600-6 NTE-RX2600-6 Datasheet
38Kb / 6P
MATERIAL SAFETY DATA SHEET
RX7000 NTE-RX7000 Datasheet
57Kb / 3P
MATERIAL SAFETY DATA SHEET
logo
List of Unclassifed Man...
48000 ETC2-48000 Datasheet
149Kb / 2P
Material Safety Data Sheet
48008 ETC2-48008 Datasheet
149Kb / 2P
Material Safety Data Sheet
30001 ETC2-30001 Datasheet
32Kb / 2P
MATERIAL SAFETY DATA SHEET
ECCOBOND45CLR1 ETC2-ECCOBOND45CLR1 Datasheet
36Kb / 5P
Material Safety Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com