Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL60-RXP Datasheet(PDF) 3 Page - Laird Tech Smart Technology

Part # SNL60-RXP
Description  Material Safety Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SNL60-RXP Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  SNL60-RXP Datasheet HTML 1Page - Laird Tech Smart Technology SNL60-RXP Datasheet HTML 2Page - Laird Tech Smart Technology SNL60-RXP Datasheet HTML 3Page - Laird Tech Smart Technology SNL60-RXP Datasheet HTML 4Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Section 8: Exposure Controls/Personal Protection
Engineering Controls: Exhaust ventilation and eyewash stations.
Personal Protective Equipment (PPE): Where contact is likely, wear chemical resistant gloves and safety glasses.
General Hygiene Considerations: Wash hands thoroughly after handling and before eating or drinking
NOTE FOR PERSONS WEARING CONTACT LENS: If skin contact has occurred, traces of silicone resin may
remain on the skin for several days, even after through washing. Contact lenses should be removed prior to working
with this product. The lenses should not be handled again until all traces of silicone resin have been removed from the
hands, as the silicone resin could transfer to the contact lenses and cause severe eye irritation.
Exposure Guidelines: The product releases cyclohexylamine and 2-butanone oxime during application and curing.
The silver coated aluminum particles present in SNL60-RXP are embedded within a matrix of silicone elastomer and
will not become airborne under the intended conditions of use and therefore do not present an inhalation/carcinogenic
hazard under normal circumstances.
Component
CAS
OSHA PEL
NIOSH REL
Aluminum
7429-90-05
TWA 15 mg/m
3
TWA 10 mg/m
3
Silver
7440-22-4
TWA 0.01 mg/m
3
TWA 0.01 mg/m
3
Xylene
1330-20-7
TWA 100 ppm
TWA 100 ppm
Cyclohexylamine
108-91-8
TWA 10 ppm
TWA 10 ppm
Section 9: Physical / Chemical Properties
Boiling Point:
Not applicable
Volatile by Volume:
< 15 %
Density:
1.8 – 2.2 g / cc @ 25° C Vapor Pressure:
Not determined
Solubility in Water @ 20ºC:
Insoluble
Evaporation Rate:
Not determined
Vapor Density:
3.7 (Air = 1)
Physical State:
Solid
Appearance:
Tan-silver paste
Odor:
Amine
Section 10: Stability and Reactivity
Section 11: Toxicological Information
Chronic absorption of silver metal may cause “argyria”, a blue/grey discoloration of various tissues. Localized argyria
may occur on the skin form handling metallic silver as a result of particles becoming embedded in the skin.
Stability:
Stable
Materials to Avoid:
None known
Hazardous Polymerization:
Does not occur
Hazardous Decomposition Products: Carbon monoxide, carbon dioxide, silicon dioxide, silver oxides, formaldehyde
and hydrocarbons.
Laird MSDS #015
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com