Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSM4
Description  Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM4 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSM4 Datasheet HTML 1Page - Vishay Siliconix TSM4 Datasheet HTML 2Page - Vishay Siliconix TSM4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 51009
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 20-Oct-04
21
TSM4
Vishay Sfernice
Surface Mount Miniature Trimmers
Multi-Turn Cermet Sealed
FEATURES
∑ 0.25 Watt at 85°C
∑ Professional grade
∑ Excellent stability
∑ Wide ohmic range
∑ Low contact resistance variation
∑ Small size for optimum packing density
∑ Suitable for both manual or automatic operation
The TSM4 trimming potentiometer has been designed for
surface mount applications and offers volumetric efficiency
5 x 5 x 3.7 mm3 with high performance and stability.
The TSM4 design is suitable for both manual or automatic
operation, and can withstand vapor phase and reflow
soldering techniques.
DIMENSIONS in millimeters
TSM4 YL
TSM4 YJ
TSM4 ZL
TSM4 ZJ
4.8
5.3
1
0.2
1.25
1.25
12
3
3 leads
0.6 x 0.15
5.1
3.5
1.3
Ø 1.5
slot 0.5 x 0.4
5.1
4.8
5.3
1
0.2
1.25
1.25
12
3
3 leads
0.6 x 0.15
3.8
3.5
0.7
Ø 1.5
slot 0.5 x 0.4
5.1
6.2
0.2
1.25
1
1.25
1
2
3
3 leads
0.6 x 0.15
3.5
4.8
2.3 min.
2.7
Ø 1.5
slot 0.5 x 0.4
4.6
3.7
0.2
1.25
1
1.25
1
2
3
3 leads
0.6 x 0.15
0.8
3.5
4.8
1.2 min.
2.7
Ø 1.5
slot 0.5 x 0.4
4.6
3.7
5.1 max.
RECOMMENDED SOLDERING AREAS
CIRCUIT DIAGRAM
1.8
1.3
3.8
2.54
2
2
1.8
1.3
2.9
2.54
1.6
1.6
1.8
1.3
5.3
2.3
1.6
2.3
1.8
1.3
4
2.3
2
2
a
c
b
CW
(2)
(1)
(3)


Similar Part No. - TSM4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSM4 VISHAY-TSM4 Datasheet
125Kb / 4P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Oct-07
TSM4 VISHAY-TSM4 Datasheet
110Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Aug-13
TSM4 VISHAY-TSM4 Datasheet
125Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
logo
Taiwan Semiconductor Co...
TSM40N03PQ33 TSC-TSM40N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM40N03PQ56 TSC-TSM40N03PQ56 Datasheet
93Kb / 4P
30V N-Channel Power MOSFET
More results

Similar Description - TSM4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
19-Jan-04
TSM43 VISHAY-TSM43 Datasheet
196Kb / 3P
Surface Mount Cermet Trimmers Multi-turn Cermet Sealed, Industrial Grade
19-Jan-04
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
19-Jan-04
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
27-Jun-07
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Oct-07
logo
TOCOSAMERICA, INC.
GV4 TOCOS-GV4 Datasheet
293Kb / 6P
4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
22-Dec-08
TSM4YJ103KR05 VISHAY-TSM4YJ103KR05 Datasheet
110Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Aug-13
TSM4 VISHAY-TSM4_17 Datasheet
125Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
TSM4 VISHAY-TSM4_V01 Datasheet
104Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com