Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSM4
Description  Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM4 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSM4 Datasheet HTML 1Page - Vishay Siliconix TSM4 Datasheet HTML 2Page - Vishay Siliconix TSM4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51009
22
Revision: 20-Oct-04
TSM4
Vishay Sfernice
Surface Mount Miniature Trimmers
Multi-Turn Cermet Sealed
ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet
Electrical Travel
11 turns ± 2
Resistance Range
10
W to 1MW
Standard Series
1 - 2 - 5
Tolerance Standard
±10%
Power Rating
Linear
0.25W at + 85°C
Logarithmic
not applicable
Temperature Coefficient
See Standard Resistance Element Table
Limiting Element Voltage (Linear Law)
200V
Contact Resistance Variation
1% or 3
W
End Resistance (Typical)
1
W
Dielectric Strength (RMS)
600V
Insulation Resistance
106M
W
MECHANICAL SPECIFICATIONS
Mechanical Travel
13 turns ± 2
Operating Torque (max. Ncm)
1
End Stop Torque (Ncm)
clutch action
Unit Weight (max. g)
0.15
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
– 55°C to + 125°C
Climatic Category
55 / 125 / 56
Sealing
sealed container
solder immersion IP67
POWER RATING CHART
0
20
40
60
85
100
120
140
155
0
0.125
0.25
AMBIENT TEMPERATURE IN DEGREES CELSIUS
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
D
D
D
DRT
RT
(%)
D
D
D
DR1-2
R1-2
(%)
Load Life
1000 hours at rated power
90'/30' - ambient temperature + 85°C
± 2%
± 3 %
Contact resistance variation:
D > 1% Rn
Moisture Resistance
MIL STD 202 Method 106
10 cycles of 24 hours constituted
with damp heat - cold - vibrations
± 2 %
± 3 %
Dielectric strength: 1000 V RMS
Insulation resistance: > 104 M
W
Long Term Damp Heat
Temperature 40°C - RH 93 %
56 days
± 2 %
± 3 %
Dielectric strength: 1000 V RMS
Insulation resistance: > 104 M
W
Thermal Shock
- 55°C to + 125°C - 5 cycles
± 1 %
DV1-2
V1-3
£ ± 2%
Rotational Life (Electrical and Mechanical)
100 cycles - rated power
± 3 %
Shock
MIL STD 202 Method 213/1
100 g - 6 ms
3 successive shocks in 3 directions
± 1 %
DV1-2
V1-3
£ ± 1%
Vibration
MIL STD 202 Method 204/D
20 g - 12 hours
± 1 %
DV1-2
V1-3
£ ± 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com