Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSM4
Description  Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM4 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSM4 Datasheet HTML 1Page - Vishay Siliconix TSM4 Datasheet HTML 2Page - Vishay Siliconix TSM4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 51009
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 20-Oct-04
23
TSM4
Surface Mount Miniature Trimmers
Multi-Turn Cermet Sealed
Vishay Sfernice
MARKING
VISHAY trademark, ohmic value, manufacturing date.
The ohmic value is indicated by a 3 figure code, the first two
digits are significant figures, the third one is the multiplier.
Example:
100 = 10
W
101 = 100
W
102 = 1000
W
503 = 50000
W
SOLDERING RECOMMENDATIONS
Vapor phase: 215°C/20 to 40 seconds.
Reflow: 230°C/20 seconds.
Do not exceed peak 260°C
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
T.C.
–55°C
+125°C
MAX.
POWER
AT 85°C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
ELEMENT
W
W
W
W
W
V
mA
ppm/°C
10
20
50
0.25
1.58
2.23
3.53
158
112
77
0
+ 200
100
200
500
1k
2k
5k
10k
20k
50k
100k
200k
500k
1M
0.2
0.08
0.04
5
7.07
11.2
15.8
22.3
35.3
50
70.7
112
158
200
200
200
50
35
22
15.8
11.2
7.1
5
3.5
2.2
1.6
1
0.4
0.2
± 100
PACKAGING
In bulk (plastic box of 50 pieces).
On tape and reel on request, by 500 pieces for Z version, or 250 pieces for Y version.
Version Y
Version Z
ORDERING INFORMATION
TSM4
SERIES
YL
STYLE
500K
W
W
W
W
OHMIC VALUE
± 10%
TOLERANCE
BO50
PACKAGING
On request
BO50
Version Z: code TR500
Version Y: code TR250
Ø 178
Ø 23
Ø 12.7
13
2
12
4
2
Ø 1.5
6.46
5.5
0.3
SAP PART NUMBERING GUIDELINES
TS
M
4
Y
L
5
0
4
K
B
2
5
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables
3.95
0.3
2
4
6.07
8
Ø 1.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com