Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS133 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part # THCS133
Description  I/OSpreader
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS133 Datasheet(HTML) 2 Page - THine Electronics, Inc.

  THCS133_15 Datasheet HTML 1Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 2Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 3Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 4Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 5Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 6Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 7Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 8Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
THCS133_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
1/10
THCS133
I/OSpreader
General Description
The THCS133 provides a function to serialize
multiple parallel signals into single-ended serial
line at least or to deserialize the data stream over
single-ended serial line or single differential pair
into multiple parallel signals.
This small number of transmission line simplifies
system configuration and reduces system cost
including cable width, connector size and pins
and PCB layout area.
The THCS133 is offered in 8bit parallel IOs as
host MPU interface.
It can transfer 8bit independent parallel signals to
remote side by only 1-line or 1-pair cable.
Transmitter or receiver function can be selected
by pin.
Features
- No External Clock Required.
-8bit Parallel IOs to MPU.
- Single-ended/Differential Mode (noise tolerant)
Selectable
- AC Coupling Supported with Differential Mode
- Transmission Status Error Indicator Supported
(Line Cut Detection and Packet Error
Detection)
- Digital Filter Function
- Power supply : 3.0 to 5.5V
- DIP 20-pin Package
- EU RoHS Compliant
Block Diagram
I/O
OSC
SER
&
DES
IOP
ION
FAULTN
(Error flag output)
RSTN
(Reset input)
RXEN
CTL0
CTL1
(Serial I/O)
(Tx/Rx select)
(I/O control)
FILT (Digital filter select)
SIG
(Single-ended / differential select)
DATA<7:0>
(Parallel I/O)
Internal Condition : Pull-down
THCS133



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com