Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS133 Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part # THCS133
Description  I/OSpreader
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS133 Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THCS133_15 Datasheet HTML 2Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 3Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 4Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 5Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 6Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 7Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 8Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 9Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 10Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
THCS133_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
5/10
LVDS Input Output Differential Voltage
ION
ION
IOP
VOD
IOP
VID
VOC
Electrical Characteristics AC Characteristics (Reset Section)
Mark
Parameter
Condition
Min
Typ
Max
Unit
tRST
Time from Reset (RSTN) Release to
Valid Input
-
-
-
100
(Note)
us
tWRST
Reset (RSTN) Low Pulse Width
-
50
-
-
ns
Note : In AC coupling, tRST changes with the capacity to connect.
Timing Chart (Reset Section)
Rese t signal ( RSTN )
Reset input (RSTN)
Input dta (DATA)
Valid data
Output data (DATA)
Pull-down
Output Low
Valid data output
tRST
tWRST
In case Output is controlled by signal of output enable (CTL0,
CTL1), a pull-down state is continued until it sets signal of
output enable to LOW.
Electrical Characteristics AC Characteristics (Serial Communication)
Mark
Item
Condition
Min
Typ
Max
Unit
fPSPL
Serializer Input Sampling Frequency
-
50
-
-
kHz
tPS
Time of Serializer Transmission
-
-
-
18
us
tSP
Deserializer Output Renewal Time
-
-
-
2
us
fSTR
Serial Data Transmission Rate
-
-
2.5
-
MHz
Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com