Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS133 Datasheet(PDF) 3 Page - THine Electronics, Inc.

Part # THCS133
Description  I/OSpreader
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS133 Datasheet(HTML) 3 Page - THine Electronics, Inc.

  THCS133_15 Datasheet HTML 1Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 2Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 3Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 4Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 5Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 6Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 7Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 8Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
THCS133_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
2/10
Pin Diagram
GND
1
20
VDD
TEST
2
19
SIG
FILT
3
18
IOP
RXEN
4
17
ION
FAULTN
5
16
DATA7
RSTN
6
15
DATA6
DATA0
7
14
DATA5
DATA1
8
13
DATA4
DATA2
9
12
CTL1
DATA3
10
11
CTL0
Pin Description
Pin No.
Pin Name
Internal Condition
Description
1
GND
-
Ground
2
TEST
Input, Pull-down
Test pin. Please connect to GND
3
FILT
Input, Pull-down
Digital filter enable pin
Low : OFF High : ON
4
RXEN
Input, Pull-down
Receiver mode enable
5
FAULTN
Output, Open-drain
Transmitter status error indicator
Low : Abnormal operation detected
6
RSTN
Input, Pull-down
Reset input
Low : Reset High : Normal operation
7-10
13-16
DATA0-7
Input/Output,
Pull-down
Parallel data I/O bit : 0-7
11
CTL0
Input, Pull-down
Lower 8bit input latch (Transmitter mode)
Lower 8bit Output enable (Receiver mode)
12
CTL1
Input, Pull-down
Upper 8bit input latch (Transmitter mode)
Upper 8bit Output enable (Receiver mode)
17
ION
Input/Output
Serial data differential mode(-) I/O
18
IOP
Input/Output
Serial data CMOS/differential mode(+) I/O
19
SIG
Input, Pull-down
Serial data I/O mode select
Low : CMOS High : Differential
20
VDD
-
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com