Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV231 Datasheet(PDF) 33 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 33 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 29Page - THine Electronics, Inc. THCV231 Datasheet HTML 30Page - THine Electronics, Inc. THCV231 Datasheet HTML 31Page - THine Electronics, Inc. THCV231 Datasheet HTML 32Page - THine Electronics, Inc. THCV231 Datasheet HTML 33Page - THine Electronics, Inc. THCV231 Datasheet HTML 34Page - THine Electronics, Inc. THCV231 Datasheet HTML 35Page - THine Electronics, Inc. THCV231 Datasheet HTML 36Page - THine Electronics, Inc. THCV231 Datasheet HTML 37Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
33/56
Security E
Table 33. THCV231 GPIO Control Register Map
Address (Hex)
Bit#
R/W
Default
(Hex)
Name
Description
Note
Sub-Link Slave
0xC0
7:5
R
0x0
Reserved
-
4
RW
1
GPIO4_TYPE
GPIO4 type select
0: Programmable GPIO
1: Through GPIO
-
3
RW
1
GPIO3_TYPE
GPIO3 type select
0: Programmable GPIO
1: Through GPIO
-
2:0
R
0x0
Reserved
-
0xC1
7:5
R
0x0
Reserved
-
4
R
0
GPIO4_INPUT_MONITOR
GPIO4 input value
(*1)
3
R
0
GPIO3_INPUT_MONITOR
GPIO3 input value
2:0
R
0x0
Reserved
-
0xC2
7:5
R
0x0
Reserved
-
4
RW
0
GPIO4_OUT
GPIO4 output value setting
(*2)
3
RW
0
GPIO3_OUT
GPIO3 output value setting
2:0
RW
0x0
Reserved
-
0xC3
7:5
R
0x0
Reserved
-
4:3
RW
0x0
GPIO_IO_SEL
GPIO input/output direction setting
See Table 27, Table 28 and Table 29
-
2:0
RW
0x7
Reserved
-
0xC4
7:5
R
0x0
Reserved
-
4
RW
1
GPIO4_FILT_ENABLE
GPIO4 input filter enable
0: Disable
1: Enable
(*3)
3
RW
1
GPIO3_FILT_ENABLE
GPIO3 input filter enable
0: Disable
1: Enable
2:0
RW
0x7
Reserved
-
0xC5
7:5
R
0x0
Reserved
-
4
RW
1
GPIO4_INT_ENABLE
GPIO4 interrupt enable
0: Disable
1: Enable
(*4)
3
RW
1
GPIO3_INT_ENABLE
GPIO3 interrupt enable
0: Disable
1: Enable
2:0
RW
0x7
Reserved
-
0xC6
7:5
R
0x0
Reserved
-
4
RW
0
GPIO4_OUTBUF_SEL
GPIO4 output buffer select
0: GPIO4 is open-drain output
1: GPIO4 is push pull output
-
3
RW
0
GPIO3_OUTBUF_SEL
GPIO3 output buffer select
0: GPIO3 is open-drain output
1: GPIO3 is push pull output
-
2:0
RW
0x0
Reserved
-
0xC7-0xCF
7:0
R
0x00
Reserved
-
*1
Active only when GPIO is set as input port.
*2
Active only when GPIO type is set as "Programmable GPIO" and set as output port.
*3
Filter eliminates input glitch shorter than tOSC/2.
*4
GPIO input transition is counted as GPIO_INT(0x82 bit3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com