Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV231 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THCV231 Datasheet HTML 1Page - THine Electronics, Inc. THCV231 Datasheet HTML 2Page - THine Electronics, Inc. THCV231 Datasheet HTML 3Page - THine Electronics, Inc. THCV231 Datasheet HTML 4Page - THine Electronics, Inc. THCV231 Datasheet HTML 5Page - THine Electronics, Inc. THCV231 Datasheet HTML 6Page - THine Electronics, Inc. THCV231 Datasheet HTML 7Page - THine Electronics, Inc. THCV231 Datasheet HTML 8Page - THine Electronics, Inc. THCV231 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
4/56
Security E
Pin Description
Pin Description for THCV231
Pin Name
Pin No.
Type
Description
TXP
29
CO
High-Speed CML Signal Output (Main-Link)
TXN
30
CO
High-Speed CML Signal Output (Main-Link)
TCMP
27
CB
CML Signal Bidirectional Input/Output (Sub-Link)
TCMN
28
CB
CML Signal Bidirectional Input/Output (Sub-Link)
GPIO4
8
B
GPIO4 : General Purpose Input/Output.
When GPIO4 is used as Open-Drain Output, it must be
connected with a pull-up resistor to VDD.
When GPIO4 is used as push pull output, no external
component is required.
LATEN : Latch select input under Field BET (Sub-Link)
0 : Forbidden
1 : Latched result
GPIO3
7
B
GPIO3 : General Purpose Input/Output.
When GPIO3 is used as Open-Drain Output, it must be
connected with a pull-up resistor to VDD.
When GPIO3 is used as push pull output, no external
component is required.
SCL
6
B
SCL input/output for 2-wire serial I/F.
SDA
5
B
SDA input/output for 2-wire serial I/F.
CLKIN
13
I
Clock Input
D11-D0
23,22,20-17,15,14,12-9
I
Pixel Data Input
HSYNC
25
I
HSYNC Input
VSYNC
24
I
VSYNC Input
RF/BETOUT
4
B
RF : Input Clock Triggering edge select. See Figure 15.
0 : Falling Edge
1 : Rising Edge
BETOUT : Field BET Result Output when Field BET
mode.
PDN
1
IL
Power Down
0 : Power Down
1 : Normal Operation
TEST2
3
I
Test pin. Must be tied to Ground for normal operation.
TEST1
2
IL
Test pin. Must be tied to Ground for normal operation.
CAPOUT
26
PWR Decoupling Capacitor Pin, 1.2V output.
CAPINA
31
PWR Reference Input for Analog Circuit. Must be tied to
CAPOUT.
CAPINP
32
PWR Reference Input for Analog Circuit. Must be tied to
CAPOUT.
VDD
16
PWR 1.7-3.6V Digital Power Supply Pin for LVCMOS I/O
AVDD
21
PWR 1.7-3.6V Analog Power Supply Pin for LDO
EXPGND
33
GND Exposed Pad Ground. Must be tied to the PCB ground
plane through an array of vias.
CO : CML Output buffer , CB : CML Bi-directional buffer
I : LVCMOS Input buffer , IL : Low Speed LVCMOS Input buffer , B : LVCMOS Bi-directional buffer
PWR : Power supply , GND : Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com