Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV231 Datasheet(PDF) 39 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 39 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 35Page - THine Electronics, Inc. THCV231 Datasheet HTML 36Page - THine Electronics, Inc. THCV231 Datasheet HTML 37Page - THine Electronics, Inc. THCV231 Datasheet HTML 38Page - THine Electronics, Inc. THCV231 Datasheet HTML 39Page - THine Electronics, Inc. THCV231 Datasheet HTML 40Page - THine Electronics, Inc. THCV231 Datasheet HTML 41Page - THine Electronics, Inc. THCV231 Datasheet HTML 42Page - THine Electronics, Inc. THCV231 Datasheet HTML 43Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
39/56
Security E
CML DC Specification
Table 40. CML DC Specification(THCV231)
Symbol
Parameter
Condition(*1)
Min
Typ
Max
Unit
VTOD
CML Differential Output Voltage
CMLDRV[1:0]=00
133
200
267
mV
CMLDRV[1:0]=01
200
300
400
mV
CMLDRV[1:0]=10
300
400
500
mV
PRE
CML Pre-emphasis Level
PRE=0
-
0
-
%
PRE=1,CMLDRV[1:0]=00
-
100
-
%
PRE=1,CMLDRV[1:0]=01
-
50
-
%
VTOC
CML Common Mode
Output Voltage
PRE=0
CAPINA-VTOD
mV
PRE=1,CMLDRV[1:0]=00
CAPINA-2×VTOD
mV
PRE=1,CMLDRV[1:0]=01
CAPINA-1.5×VTOD
mV
ITOH
CML Output Leak Current High
PDN=0,TXP/N=CAPINA
-30
-
30
uA
ITOS
CML Output Short Current
PDN=0,TXP/N=0V
-80
-
-
mA
*1 PRE and CMLDRV[1:0] are registers.
Table 41. CML DC Specification(THCV236)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VRTH
CML Differential Input High Threshold
-
-
-
50
mV
VRTL
CML Differential Input High Threshold
-
-50
-
-
mV
IRIH
CML Input Leak Current High
PDN0=0,RXP/N=CAPINA
-10
-
10
uA
IRIL
CML Input Leak Current Low
PDN0=0,RXP/N=0V
-10
-
10
uA
IRRIH
CML Input Current High
RXP/N=CAPINA
-
-
2
mA
IRRIL
CML Input Current Low
RXP/N=0V
-6
-
-
mA
RRIN
CML Differential Input Resistance
-
80
100
120
Ω
CML Bi-Directional DC Specification
Table 42. CML Bi-Directional DC Specification
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VBTH
Bi-Directional Buffer Differential
Input High Threshold
-
-
-
150
mV
VBTL
Bi-Directional Buffer Differential
Input Low Threshold
-
-150
-
-
mV
IBIH
Bi-Directional Buffer
Output Leak Current High
xCMP/N=VDD(x=T,R)
-10
-
10
uA
IBIL
Bi-Directional Buffer
Output Leak Current Low
xCMP/N=0V(x=T,R)
-10
-
10
uA
RTERM
Bi-Directional Buffer
Termination Resistance
Transmitter State
37.5
50
62.5
Ω
Receiver State
150
200
250
Ω
VBOD
Bi-Directional Buffer
Differential Output Voltage
RDIFF=400Ω
300
-
660
mV
VBOC
Bi-Directional Buffer
Common Output Voltage
-
-
VDD-0.3
-
V
IBOZ
Bi-Directional Buffer TRI-STATE
Current
PDN=0(THCV231)
PDN1=0(THCV236)
-10
-
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com