Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR37 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VR37
Description  High Ohmic/High Voltage Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR37 Datasheet(HTML) 1 Page - Vishay Siliconix

  VR37 Datasheet HTML 1Page - Vishay Siliconix VR37 Datasheet HTML 2Page - Vishay Siliconix VR37 Datasheet HTML 3Page - Vishay Siliconix VR37 Datasheet HTML 4Page - Vishay Siliconix VR37 Datasheet HTML 5Page - Vishay Siliconix VR37 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 28733
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 24-Feb-04
1
VR37
Vishay BCcomponents
High Ohmic/High Voltage Resistors
FEATURES
• These resistors meet the safety requirements of:
“UL1676” (range 510 kΩ to 11 MΩ)
”IEC 60065”
”EN60065”
“BS60065” (U.K.)
“VDE 0860” (Germany)
“CQC” (China)
• High pulse loading capability
• Small size.
APPLICATIONS
• Where high resistance, high stability and high reliability at
high voltage are required
• Safety component in combination with high voltage
• White goods
• High humidity environment
• Power supplies.
A metal glazed film is deposited on a high grade ceramic
body. After a helical groove has been cut in the resistive
layer, tinned electrolytic copper wires are welded to the
end-caps. The resistors are coated with a light blue lacquer
which
provides
electrical,
mechanical,
and
climatic
protection.
The encapsulation is resistant to all cleaning solvents in
accordance
with
“MIL-STD 202E,
method 215”
and
“IEC 60068-2-45”.
Note
1. Ohmic values (other than resistance range) are available upon request.
TECHNICAL SPECIFICATIONS
DESCRIPTION
VALUE
Resistance range(1)
100 kΩ to 33 MΩ
Resistance tolerance and series
± 1 %: E24/E96 series;
± 5 %: E24 series
Maximum dissipation at Tamb = 70 °C
0.5 W
Thermal resistance, Rth
120 K/W
Temperature coefficient
≤ ± 200 × 10−6/K
Maximum permissible voltage:
DC
3500 V
RMS
2500 V
Dielectric withstanding voltage of the insulation for 1 minute
700 V
Basic specifications
IEC 60115-1B
Safety requirements
UL1676 (510 kΩ to 11 MΩ); EN60065; BS60065; VDE 0860;
NFC 92-130
Climatic category (IEC 60068)
55/155/56
Stability after:
load (1000 hours)
∆R/R max.: ± 1.5 % + 0.1 Ω
accelerated damp heat test (6 days)
∆R/R max.: ± 1.5 % + 0.1 Ω
long term damp heat test (56 days)
∆R/R max.: ± 1.5 % + 0.1 Ω
Noise
max. 2.5 µV/V
12NC ORDERING CODE INDICATING RESISTOR TYPE AND PACKAGING
TYPE
TAPE
WIDTH
(mm)
TOL.
(%)
ORDERING CODE 2322 242 .....
BANDOLIER IN AMMOPACK
BANDOLIER ON REEL
1000
units
5000
units
VR37
52
± 1
8....
6....
± 5
13...
23...


Similar Part No. - VR37

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37 VISHAY-VR37 Datasheet
184Kb / 10P
High Ohmic / High Voltage Metal Glaze Leaded Resistors
02-Jun-2022
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR37000003FA100 VISHAY-VR37000003FA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
More results

Similar Description - VR37

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR25 VISHAY-VR25 Datasheet
333Kb / 7P
High Ohmic/High Voltage Resistors
06-Dec-05
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
logo
YAGEO Corporation
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
High Ohmic / High Voltage Metal Glaze Leaded Resistors
02-Jun-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com