Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR37 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VR37
Description  High Ohmic/High Voltage Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR37 Datasheet(HTML) 3 Page - Vishay Siliconix

  VR37 Datasheet HTML 1Page - Vishay Siliconix VR37 Datasheet HTML 2Page - Vishay Siliconix VR37 Datasheet HTML 3Page - Vishay Siliconix VR37 Datasheet HTML 4Page - Vishay Siliconix VR37 Datasheet HTML 5Page - Vishay Siliconix VR37 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 28733
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 24-Feb-04
3
VR37
High Ohmic/High Voltage Resistors
Vishay BCcomponents
The power that the resistor can dissipate depends on the operating
temperature.
Derating
Pulse Loading Capability
70
100
50
0
0
50
100
155
−55
Tamb (°C)
Pmax
(%Prated)
Maximum dissipation (Pmax) in percentage of rated power
as a function of the ambient temperature (Tamb).
4
6
8
10
102
20
10−2
10−1
10
1
Rn
(MΩ)
Vmax
(kV)
^
Maximum allowed peak pulse voltage in accordance with
“IEC 60065 chapter 14.1”
; 50 discharges from a 1 nF capacitor
charged to
; 12 discharges/minute (drift ∆R/R ≤ 2 %).
Vmax
Application Information
0
0.4
1.2
0
0.8
20
40
60
80
P (W)
∆T
(K)
Hot-spot temperature rise (∆T) as a function of dissipated power.
0
0.4
1.2
0
0.8
10
20
30
40
50
P (W)
5 mm
10 mm
15 mm
∆T
(K)
Temperature rise (∆T) at the lead end (soldering
point) as a function of dissipated power at various
lead lengths after mounting.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com