Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR37 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VR37
Description  High Ohmic/High Voltage Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR37 Datasheet(HTML) 5 Page - Vishay Siliconix

  VR37 Datasheet HTML 1Page - Vishay Siliconix VR37 Datasheet HTML 2Page - Vishay Siliconix VR37 Datasheet HTML 3Page - Vishay Siliconix VR37 Datasheet HTML 4Page - Vishay Siliconix VR37 Datasheet HTML 5Page - Vishay Siliconix VR37 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 28733
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 24-Feb-04
5
VR37
High Ohmic/High Voltage Resistors
Vishay BCcomponents
4.20
29 (Eb)
bump
3 × 1500 bumps in 3 directions; 40 g
no damage
∆R/R max.: ± 0.5 % + 0.05 Ω
4.22
6 (Fc)
vibration
frequency 10 to 500 Hz; displacement
1.5 mm or acceleration 10 g; 3 directions;
total 6 hours (3 × 2 hours)
no damage
∆R/R max.: ± 0.5 % + 0.05 Ω
4.23
climatic sequence:
4.23.2
2 (Ba)
dry heat
16 hours; 155 °C
4.23.3
30 (Db)
damp heat (accelerated) 1st
cycle
24 hours; 55 °C; 90 to 100 % RH
4.23.4
1 (Aa)
cold
2 hours; − 55 °C
4.23.5
13 (M)
low air pressure
2 hours; 8.5 kPa; 15 to 35 °C
4.23.6
30 (Db)
damp heat (accelerated)
remaining cycles
5 days; 55 °C; 95 to 100 % RH
Rins min.: 103 MΩ
∆R/R max.: ± 1.5 % + 0.1 Ω
4.24.2
3 (Ca)
damp heat
(steady state)
56 days; 40 °C; 90 to 95 % RH;
dissipation 0.01 Pn;
limiting voltage 100 V (DC)
∆R/R max.: ± 1.5 % + 0.1 Ω
4.25.1
endurance
1000 hours at 70 °C; Pn or Vmax
∆R/R max.: ± 1.5 % + 0.1 Ω
4.8.4
temperature coefficient
between − 55 °C and + 155 °C
(TC × 10−6/K)
≤ ± 200
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com