Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8214SCDS Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8214SCDS
Description  40MSPS 16 BIT CCD DIGITISER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8214SCDS Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8214SCDS Datasheet HTML 13Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 14Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 15Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 16Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 17Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 18Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 19Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 20Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Product Preview
WM8214
w
PP Rev 1.6 March 2004
17
Figure 12 ADC Input Black Level Adjust Settings
OVERALL SIGNAL FLOW SUMMARY
Figure 13 represents the processing of the video signal through the WM8214.
V
RESET
V
VRLC
V
3
CDS = 1
CDS = 0
CDACPD=1
260mV*(DAC[7:0]-127.5)/127.5
analog
-
X
+
+
See parametrics for
DAC voltages.
OP[7:0]
D
1
digital
ADC BLOCK
PGA
BLOCK
OFFSET DAC
BLOCK
INPUT
SAMPLING
BLOCK
D
2
CDS, CDACPD,CDAC[3:0], DAC[7:0],
PGA[8:0], PGAFS[1:0] and INVOP are set
by programming internal control registers.
CDS=1 for CDS, 0 for non-CDS
V
IN is RINP or GINP or BINP
V
RESET is VIN sampled during reset clamp
V
RLC is voltage applied to VRLC/VBIAS pin
V
IN
x (65535/V
FS)
+0
if PGAFS[1:0]=11
+65535 if PGAFS[1:0]=10
+32768 if PGAFS[1:0]=0x
PGA gain
A= 0.66+PGA[8:0]x7.34/511
OUTPUT
INVERT
BLOCK
D2 = D1 if INVOP = 0
D2 = 65535-D1 if INVOP = 1
Offset
DAC
RLC
DAC
+
V
2
V
1
CDACPD=0
Figure 13 Overall Signal Flow
The INPUT SAMPLING BLOCK produces an effective input voltage V1. For CDS, this is the
difference between the input video level VIN and the input reset level VRESET. For non-CDS this is the
difference between the input video level VIN and the voltage on the VRLC/VBIAS pin, VVRLC,
optionally set via the RLC DAC.
The OFFSET DAC BLOCK then adds the amount of fine offset adjustment required to move the
black level of the input signal towards 0V, producing V2.
The PGA BLOCK then amplifies the white level of the input signal to maximise the ADC range,
outputting voltage V3.
The ADC BLOCK then converts the analogue signal, V3, to a 16-bit unsigned digital output, D1.
The digital output is then inverted, if required, through the OUTPUT INVERT BLOCK to produce D2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com