Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8214SCDS Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8214SCDS
Description  40MSPS 16 BIT CCD DIGITISER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8214SCDS Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8214SCDS Datasheet HTML 19Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 20Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 21Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 22Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 23Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 24Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 25Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 26Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Product Preview
WM8214
w
PP Rev 1.6 March 2004
23
LEGACY: OPERATING MODES
Table 3 summarises the most commonly used modes, the clock waveforms required and the register
contents required for CDS and non-CDS operation.
MODE
DESCRIPTION
CDS
AVAILABLE
MAX
SAMPLE
RATE
SENSOR
INTERFACE
DESCRIPTION
TIMING
REQUIRE-
MENTS
REGISTER
CONTENTS
WITH CDS
REGISTER
CONTENTS
WITHOUT
CDS
1
Colour
Pixel-by-Pixel
Yes
6.67MSPS
The 3 input channels
are sampled in
parallel. The signal is
then gain and offset
adjusted before being
multiplexed into a
single data stream
and converted by the
ADC, giving an output
data rate of 20MSPS
max.
MCLK max
= 40MHz
MCLK:
VSMP
ratio is 6:1
SetReg1:
03(hex)
SetReg1:
01(hex)
2
Monochrome/
Colour
Line-by-Line
Yes
6.67MSPS
As mode 1 except:
Only one input
channel at a time
is continuously
sampled.
MCLK max
= 40MHz
MCLK:
VSMP
ratio is 6:1
SetReg1:
07(hex)
SetReg1:
05(hex)
3
Fast
Monochrome/
Colour
Line-by-Line
Yes
13.33MSPS
Identical to mode 2
MCLK max
= 40MHz
MCLK:
VSMP
ratio is 3:1
Identical to
mode 2 plus
SetReg3:
bits 5:4 must
be set to
0(hex)
Identical to
mode 2
4
Maximum
speed
Monochrome/
Colour
Line-by-Line
No
20MSPS
Identical to mode 2
MCLK max
= 40MHz
MCLK:
VSMP
ratio is 2:1
CDS not
possible
SetReg1:
45(hex)
5
Slow Colour
Pixel-by-Pixel
Yes
5MSPS
Identical to mode 1
MCLK max
= 40MHz
MCLK:
VSMP
ratio is
2n:1, n
≥ 4
Identical to
mode 1
Identical to
mode 1
6
Slow
Monochrome/
Colour
Line-by-Line
Yes
5MSPS
Identical to mode 2
MCLK max
= 40MHz
MCLK:
VSMP
ratio is
2n:1, n
≥ 4
Identical to
mode 2
Identical to
mode 2
Table 3 WM8214 Legacy Operating Modes
Notes:
1.
In Monochrome mode, SetReg3 bits 7:6 determine which input is to be sampled.
2.
For Colour Line-by-Line, set control bit LINEBYLINE. For input selection, refer to Table 4, Colour Selection
Description in Line-by-Line Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com