Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8214SCDS Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8214SCDS
Description  40MSPS 16 BIT CCD DIGITISER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8214SCDS Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8214SCDS Datasheet HTML 27Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 28Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 29Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 30Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 31Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 32Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 33Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 34Page - Wolfson Microelectronics plc WM8214SCDS Datasheet HTML 35Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Product Preview
WM8214
w
PP Rev 1.6 March 2004
33
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
3
10
1
28
27
7
5
6
12
11
9
4
DVDD1
DVDD2
AGND1
RINP
GINP
BINP
MCLK
VSMP
RSMP
SCK
SEN
SDI
OEB
8
26
24
25
23
20
19
18
17
16
15
14
13
OP[0]
OP[1]
OP[2]
OP[3]
OP[4]
OP[5]
OP[6]
OP[7]/SDO
VRLC/VBIAS
VRX
VRT
VRB
AVDD
C2
C1
C6
C8
C4
C5
C7
C9
DVDD2
AVDD
Video
Inputs
Timing
Signals
Interface
Controls
Output
Data
Bus
DGND
AGND
AGND
AGND
22
DGND
21
C3
AGND
AGND2
2
C11
C10
DVDD2
C12
AVDD
++
+
DGND
AGND
DVDD1
WM8214
C1-9 should be fitted as close to WM8214 as possible.
NOTES:
AGND and DGND should be connected as close to WM8214 as possible.
1.
2.
DVDD1
Figure 24 External Components Diagram
RECOMMENDED EXTERNAL COMPONENT VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1
100nF
De-coupling for DVDD1.
C2
100nF
De-coupling for DVDD2.
C3
100nF
De-coupling for AVDD.
C4
10nF
High frequency de-coupling between VRT and VRB.
C5
1
µF
Low frequency de-coupling between VRT and VRB (non-polarised).
C6
100nF
De-coupling for VRB.
C7
100nF
De-coupling for VRX.
C8
100nF
De-coupling for VRT.
C9
100nF
De-coupling for VRLC.
C10
10
µF
Reservoir capacitor for DVDD1.
C11
10
µF
Reservoir capacitor for DVDD2.
C12
10
µF
Reservoir capacitor for AVDD.
Table 7 External Components Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com